Electronic Components Datasheet Search
  English  ▼

X  

KBJA401 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # KBJA401
Description  4 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

KBJA401 Datasheet(HTML) 1 Page - Micro Commercial Components

  KBJA401 Datasheet HTML 1Page - Micro Commercial Components KBJA401 Datasheet HTML 2Page - Micro Commercial Components KBJA401 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KBJA
4005
THRU
KBJA
410
4 Amp
Glass Passivated
Bridge Rectifier
50 to 1000 Volts
Features
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
High surge forward current capability
Halogen free available upon request by adding suffix "-HF"
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
K
BJA
4005 KBJA4005
50V
35V
50V
K
BJA
401
K
BJA
401
100V
70V
100V
K
BJA
402
K
BJA
402
200V
140V
200V
K
BJA
404
K
BJA
404
400V
280V
400V
K
BJA
406
K
BJA
406
600V
420V
600V
K
BJA
408
K
BJA
408
800V
560V
800V
K
BJA
410
K
BJA
410
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
4 A
Tc = 100
°C
Peak Forward Surge
Current
IFSM
1
20A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.05V
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10 µA Ta = 25°C
Thermal Resistance
RthJA
35oC/W
RthJC
5.8
o
C/W
IFM =
2.0A
I t Rating for fusing
2
I t
2
60A2S (1ms< t<8.3ms)
Revision: A
2015/11/27
www.mccsemi.com
1 of 3
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix
designates RoHS Compliant. See ordering information)
Notes:
1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Mounting Torque: 0.5 N m
Micro Commercial Components
M C C
TM
•
UL Recognized File # E165989
•
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.972
.996
24.70
25.30
B
.394
.417
10.00
10.60
C
.575
.598
14.60
15.20
E
.213
.236
5.40
6.00
G
.122
.134
3.10
3.40
J
.079
.102
2.00
2.60
K
.012
.024
0.40
0.60
N
.287
.303
7.30
7.70
H
.114
.138
2.90
3.90
F
.154
.177
3.90
4.50
L
.053
.061
1.35
1.55
M
.035
.043
0.90
1.10
O
.047
.055
1.20
1.40
D
.449
.472
11.40
12.00
B
D
C
A
J
F
E
H
G
N
M
L
K
N
N
JB
O


Similar Part No. - KBJA401

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KBJA10005 MCC-KBJA10005 Datasheet
505Kb / 3P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
KBJA1001 MCC-KBJA1001 Datasheet
505Kb / 3P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
KBJA1002 MCC-KBJA1002 Datasheet
505Kb / 3P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
KBJA1004 MCC-KBJA1004 Datasheet
505Kb / 3P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
KBJA1006 MCC-KBJA1006 Datasheet
505Kb / 3P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - KBJA401

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ15005 MCC-GBJ15005 Datasheet
91Kb / 2P
15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ8005 MCC-GBJ8005 Datasheet
89Kb / 2P
8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ10005 MCC-GBJ10005_10 Datasheet
110Kb / 3P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
2KBP005 MCC-2KBP005 Datasheet
279Kb / 3P
2.0 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ10005 MCC-GBJ10005_11 Datasheet
213Kb / 3P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ20005 MCC-GBJ20005_11 Datasheet
362Kb / 3P
20 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ50005 MCC-GBJ50005 Datasheet
344Kb / 3P
50 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJA8005 MCC-GBJA8005 Datasheet
308Kb / 3P
8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJA25005 MCC-GBJA25005 Datasheet
325Kb / 3P
25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
UD3KB05 MCC-UD3KB05_17 Datasheet
280Kb / 3P
3 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com