Electronic Components Datasheet Search
  English  ▼

X  

KBJA608 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # KBJA608
Description  6 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

KBJA608 Datasheet(HTML) 1 Page - Micro Commercial Components

  KBJA608 Datasheet HTML 1Page - Micro Commercial Components KBJA608 Datasheet HTML 2Page - Micro Commercial Components KBJA608 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KBJA6005
THRU
KBJA610
6 Amp
Glass Passivated
Bridge Rectifier
50 to 1000 Volts
Features
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
High surge forward current capability
Halogen free available upon request by adding suffix "-HF"
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
KBJA6005
KBJA6005
50V
35V
50V
KBJA601
KBJA601
100V
70V
100V
KBJA602
KBJA602
200V
140V
200V
KBJA604
KBJA604
400V
280V
400V
KBJA606
KBJA606
600V
420V
600V
KBJA608
KBJA608
800V
560V
800V
KBJA610
KBJA610
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
6 A
Tc = 100
°C
Peak Forward Surge
Current
IFSM
135A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.05V
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10 µA Ta = 25°C
Thermal Resistance
RthJA
26
oC/W
RthJC
3.4
o
C/W
IFM = 3.0A
I t Rating for fusing
2
I t
2
75A S
2
(1ms< t<8.3ms)
Revision: A
2015/08/31
www.mccsemi.com
1 of 3
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix
designates RoHS Compliant. See ordering information)
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Mounting Torque: 0.5 N m
Micro Commercial Components
M C C
TM
•
UL Recognized File # E165989
•
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.972
.996
24.70
25.30
B
.394
.417
10.00
10.60
C
.575
.598
14.60
15.20
E
.213
.236
5.40
6.00
G
.122
.134
3.10
3.40
J
.079
.102
2.00
2.60
K
.012
.024
0.40
0.60
N
.287
.303
7.30
7.70
H
.114
.138
2.90
3.90
F
.154
.177
3.90
4.50
L
.053
.061
1.35
1.55
M
.035
.043
0.90
1.10
O
.047
.055
1.20
1.40
D
.449
.472
11.40
12.00
B
D
C
A
J
F
E
H
G
N
M
L
K
N
N
JB
O


Similar Part No. - KBJA608

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KBJA10005 MCC-KBJA10005 Datasheet
505Kb / 3P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
KBJA1001 MCC-KBJA1001 Datasheet
505Kb / 3P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
KBJA1002 MCC-KBJA1002 Datasheet
505Kb / 3P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
KBJA1004 MCC-KBJA1004 Datasheet
505Kb / 3P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
KBJA1006 MCC-KBJA1006 Datasheet
505Kb / 3P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - KBJA608

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DR750 MCC-DR750 Datasheet
85Kb / 3P
Passivated Rectifier 50 - 1000 Volts 6 Amp Glass
GBJ6005 MCC-GBJ6005 Datasheet
89Kb / 2P
6 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
PB605 MCC-PB605 Datasheet
81Kb / 2P
6 Amp Glass Passivated Rectifier 50 to 1000 Volts
DR750 MCC-DR750_11 Datasheet
497Kb / 4P
6 Amp Glass Passivated Rectifier 50 - 1000 Volts
GBJ6005 MCC-GBJ6005_11 Datasheet
177Kb / 3P
6 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ6005 MCC-GBJ6005_13 Datasheet
204Kb / 3P
6 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ50005 MCC-GBJ50005 Datasheet
344Kb / 3P
50 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJA6005 MCC-GBJA6005 Datasheet
312Kb / 3P
6 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJL6005 MCC-GBJL6005 Datasheet
242Kb / 3P
6 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
UD6KB05 MCC-UD6KB05 Datasheet
354Kb / 3P
6 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com