Electronic Components Datasheet Search
  English  ▼

X  

KBJL804G Datasheet(PDF) 1 Page - Micro Commercial Components

Part # KBJL804G
Description  4 Amp GLASS PASSIVATED BRIDGE RECTIFIERS 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

KBJL804G Datasheet(HTML) 1 Page - Micro Commercial Components

  KBJL804G Datasheet HTML 1Page - Micro Commercial Components KBJL804G Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THRU
KBJ
L810G
4 Amp
GLASS PASSIVATED
BRIDGE RECTIFIERS
KBJL
Features
Maximum Ratings
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
K BJL8005G
KBJL8005G
50V
35V
50V
KB JL801G
KBJL801G
100V
70V
100V
KB J L802G
KBJL802G
200V
140V
200V
KB JL804G
KBJL804G
400V
280V
400V
KB JL806G
KBJL806G
600V
420V
600V
KB JL808G
KBJL808G
800V
560V
800V
KB JL810G
KBJL810G
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
8
.0A
TC =
100°C
Peak Forward Surge
Current
IFSM
180A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.0V
IFM = 4.0A per
element;
TA = 25
°C (Note 2)
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA TA = 25°C
TC = 125
°C
50 to 1000 Volts
25
0
µA
•
Diff used Junc ti on
•
Low Forward Volt age Drop
•
High Curr ent Capabil ity
•
Operating Junction Temperature: -5 5
°C to + 150°C
•
Storage Temperature: -55
°C to +150°C
I t Rating for fusing
2
I t
2
134
A S
2
(t<8.3ms)
KBJ
L8005G
Revision: B
2013/01/01
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of
2
•
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix
designates RoHS Compliant. See ordering information)
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
2. Pulse Test: Pulse Width 300usec, Duty Cycle 1%
Mounting Torgue: 5.0 in-lbs Maximum
•
+
~
~
-
A
I
L
C
L
L
H
B
J
K
F
G
D
E
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
C
.697
.736
17.70
18.7
0
D
.142
.157
3.6
0
4.0
0
F
.217
.232
5.5
0
5.9
0
A
.972
.996
24.70
25.30
B
.394
.417
10.00
10.60
E
.110
.126
2.8
0
3.20
G
.122
.134
3.10
3.40
I
.035
.043
0.9
0
1.10
J
.098
.114
2.5
0
2.90
H
.669 typ
1.70 typ
K
.016
.024
0.40
0.60
L
.287
.303
7.30
7.70
~
~
Case Type
•
UL Recognized File # E165989
•
Halogen free available upon request by adding suffix "-HF"
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
•
•


Similar Part No. - KBJL804G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KBJL804 LUGUANG-KBJL804 Datasheet
760Kb / 2P
Single Phase 8.0A Glass Passivated Bridge Rectifiers
Revision:20251211-P1
More results

Similar Description - KBJL804G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ50005 MCC-GBJ50005 Datasheet
344Kb / 3P
50 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBU15A MCC-GBU15A_17 Datasheet
206Kb / 3P
15 Amp Single Phase Glass Passivated Bridge Rectifiers 50 to 1000 Volts
KBJ4005G MCC-KBJ4005G Datasheet
395Kb / 3P
4 Amp GLASS PASSIVATED BRIDGE RECTIFIERS 50 to 1000 Volts
KBJ6005G MCC-KBJ6005G Datasheet
735Kb / 3P
6.0 Amp Glass Passivated Bridge Rectifiers 50 to 1000 volts
KBJ10005G MCC-KBJ10005G Datasheet
354Kb / 3P
10 Amp GLASS PASSIVATED BRIDGE RECTIFIERS 50 to 1000 Volts
KBJA4005 MCC-KBJA4005 Datasheet
369Kb / 3P
4 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
KBJL4005G MCC-KBJL4005G Datasheet
281Kb / 2P
4 Amp GLASS PASSIVATED BRIDGE RECTIFIERS 50 to 1000 Volts
KBJL6005G MCC-KBJL6005G Datasheet
332Kb / 2P
6.0 Amp Glass Passivated Bridge Rectifiers 50 to 1000 Volts
KBJL10005G MCC-KBJL10005G Datasheet
247Kb / 2P
10 Amp GLASS PASSIVATED BRIDGE RECTIFIERS 50 to 1000 Volts
KBJL15005G MCC-KBJL15005G Datasheet
186Kb / 2P
15 Amp GLASS PASSIVATED BRIDGE RECTIFIERS 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com