Electronic Components Datasheet Search
  English  ▼

X  

SN74ALS166DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALS166DR
Description  PARALLEL-LOAD 8-BIT SHIFT REGISTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS166DR Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALS166DR Datasheet HTML 1Page - Texas Instruments SN74ALS166DR Datasheet HTML 2Page - Texas Instruments SN74ALS166DR Datasheet HTML 3Page - Texas Instruments SN74ALS166DR Datasheet HTML 4Page - Texas Instruments SN74ALS166DR Datasheet HTML 5Page - Texas Instruments SN74ALS166DR Datasheet HTML 6Page - Texas Instruments SN74ALS166DR Datasheet HTML 7Page - Texas Instruments SN74ALS166DR Datasheet HTML 8Page - Texas Instruments SN74ALS166DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN74ALS166
PARALLEL-LOAD 8-BIT SHIFT REGISTER
SDAS156D – APRIL 1982 – REVISED AUGUST 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Synchronous Load
D Direct Overriding Clear
D Parallel-to-Serial Conversion
D Package Options Include Plastic
Small-Outline (D) and Shrink Small-Outline
(DB) Packages and Standard Plastic (N) DIP
description
The SN74ALS166 parallel-load 8-bit shift register
is compatible with most other TTL logic families.
All inputs are buffered to lower the drive
requirements. Input clamping diodes minimize
switching transients and simplify system design.
These parallel-in or serial-in, serial-out registers have a complexity of 77 equivalent gates on the chip. They
feature gated clocks (CLK and CLK INH) inputs and an overriding clear (CLR) input. The parallel-in or serial-in
modes are established by the shift/load (SH/LD) input. When high, SH/LD enables the serial data (SER) input
and couples the eight flip-flops for serial shifting with each clock pulse. When low, the parallel (broadside) data
(A–H) inputs are enabled and synchronous loading occurs on the next clock pulse. During parallel loading, serial
data flow is inhibited. Clocking is accomplished on the low-to-high-level edge of the clock pulse through a
two-input positive-NOR gate, permitting one input to be used as a clock-enable or clock-inhibit function. Holding
either of the clock inputs high inhibits clocking; holding either low enables the other clock input. This allows the
system clock to be free running and the register can be stopped on command with the clock input. CLK INH
should be changed to the high level only when CLK is high. The buffered CLR overrides all other inputs, including
CLK, and sets all flip-flops to zero.
The SN74ALS166 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
INTERNAL
OUTPUT
CLR
SH/LD
CLK INH
CLK
SER
PARALLEL
OUTPUTS
OUTPUT
QH
CLR
SH/LD
CLK INH
CLK
SER
A...H
QA
QB
QH
L
X
X
X
X
X
L
L
L
H
XL
L
X
X
QA0
QB0
QH0
H
LL
↑
X
a ...h
a
bh
H
HL
↑
HX
H
QAn
QGn
H
HL
↑
LX
L
QAn
QGn
H
X
H
↑
X
X
QA0
QB0
QH0
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
D, DB, OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SER
A
B
C
D
CLK INH
CLK
GND
VCC
SH/LD
H
QH
G
F
E
CLR


Similar Part No. - SN74ALS166DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS166DR TI-SN74ALS166DR Datasheet
505Kb / 15P
PARALLEL-LOAD 8-BIT SHIFT REGISTER
SN74ALS166DR TI2-SN74ALS166DR Datasheet
728Kb / 20P
PARALLEL-LOAD 8-BIT SHIFT REGISTER
REVISED AUGUST 2000
SN74ALS166DR.A TI2-SN74ALS166DR.A Datasheet
728Kb / 20P
PARALLEL-LOAD 8-BIT SHIFT REGISTER
REVISED AUGUST 2000
SN74ALS166DRE4 TI-SN74ALS166DRE4 Datasheet
505Kb / 15P
PARALLEL-LOAD 8-BIT SHIFT REGISTER
SN74ALS166DRG4 TI-SN74ALS166DRG4 Datasheet
505Kb / 15P
PARALLEL-LOAD 8-BIT SHIFT REGISTER
More results

Similar Description - SN74ALS166DR

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC166 HITACHI-HD74HC166 Datasheet
57Kb / 10P
Parallel-load 8-bit Shift Register
HD74LV165A HITACHI-HD74LV165A Datasheet
75Kb / 17P
Parallel-Load 8-bit Shift Register
HD74LV166A HITACHI-HD74LV166A Datasheet
73Kb / 16P
Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_08 Datasheet
646Kb / 16P
PARALLEL-LOAD 8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A Datasheet
88Kb / 10P
Parallel-Load 8-bit Shift Register
HD74LV166A RENESAS-HD74LV166A_10 Datasheet
108Kb / 10P
Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74HC166A-Q1 TI1-SN74HC166A-Q1 Datasheet
620Kb / 16P
8-BIT PARALLEL-LOAD SHIFT REGISTER
SN74HC166A-EP TI1-SN74HC166A-EP Datasheet
384Kb / 13P
8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Unisonic Technologies
U74HC165 UTC-U74HC165_15 Datasheet
276Kb / 7P
8-BIT PARALLEL-LOAD SHIFT REGISTER
U74HCT165 UTC-U74HCT165_15 Datasheet
259Kb / 8P
8-BIT PARALLEL-LOAD SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com