Electronic Components Datasheet Search
  English  ▼

X  

LTL42NKRT Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTL42NKRT
Description  Through Hole Lamp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL42NKRT Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTL42NKRT Datasheet HTML 1Page - Lite-On Technology Corporation LTL42NKRT Datasheet HTML 2Page - Lite-On Technology Corporation LTL42NKRT Datasheet HTML 3Page - Lite-On Technology Corporation LTL42NKRT Datasheet HTML 4Page - Lite-On Technology Corporation LTL42NKRT Datasheet HTML 5Page - Lite-On Technology Corporation LTL42NKRT Datasheet HTML 6Page - Lite-On Technology Corporation LTL42NKRT Datasheet HTML 7Page - Lite-On Technology Corporation LTL42NKRT Datasheet HTML 8Page - Lite-On Technology Corporation LTL42NKRT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Features
* Lead (Pb) free product – RoHS compliant.
* High luminous intensity output.
* Low power consumption.
* High efficiency.
* Versatile mounting on P.C. Board or panel.
* I.C. Compatible/low current requirement.
* Popular T-1 diameter package.
Package
Dimensions
Part No.
Lens
Source Color
LTL42NKRT
Red Transparent
AlInGaP Super Red
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm(.010") unless otherwise noted.
3. Protruded resin under flange is 1.0mm(.04") max.
4. Lead spacing is measured where the leads emerge from the package.
5. Specifications are subject to change without notice.
Part
No. : LTL42NKRT
Page :
1
of
10
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com