Electronic Components Datasheet Search
  English  ▼

X  

SN54ALS528 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN54ALS528
Description  FUSE-PROGRAMMABLE IDENTITY COMPARATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALS528 Datasheet(HTML) 6 Page - Texas Instruments

  SN54ALS528 Datasheet HTML 1Page - Texas Instruments SN54ALS528 Datasheet HTML 2Page - Texas Instruments SN54ALS528 Datasheet HTML 3Page - Texas Instruments SN54ALS528 Datasheet HTML 4Page - Texas Instruments SN54ALS528 Datasheet HTML 5Page - Texas Instruments SN54ALS528 Datasheet HTML 6Page - Texas Instruments SN54ALS528 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SN54ALS526, SN54ALS527, SN54ALS528
SN74ALS526, SN74ALS527, SN74ALS528
FUSE-PROGRAMMABLE IDENTITY COMPARATORS
SDAS051A – JUNE 1984–REVISED MAY 1986
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
6
programing parameters
PARAMETER
MIN
MAX
UNIT
VIH
High-level input voltage
2
5.5
V
VIL
Low-level input voltage
0.8
V
VIHH
Program-pulse input voltage
11.5
12.5
V
VCC
Supply voltage
6.5
7.5
V
IIHH
Program pulse input current
Pin (G low)
10
mA
IIHH
Program-pulse input current
G
1.24
mA
’ALS526
31
ICCHH
Supply current with VIHH applied
’ALS527
29
mA
’ALS528
26
tW
Pulse duration, program
10
50
µs
tr
Rise time, program voltage
10
µs
Test
Test
Test
Blow Fuse
Verify
Verify
Verify
VIH
VIL
VIHH
VIH
VIL
VIHH
VIL
VIH
VIL
90%
10%
90%
tw
tr
P
Inputs
Pn
G
P=Q
Don’t Care
Illustrated above is the following sequence:
NOTES: A. It is desired to program a particular input to recognize a high level input. With G low and all P inputs† at VIL, the output is low if no
fuses are blown.
B. With G low and all P inputs† at VIH, the output is high unless all fuses are blown.
C. When the desired input is taken to VIHH, the output goes low if the fuse is intact.
D. G is pulsed to VIHH blowing the desired fuse.
E. After G is low, output will be high indicating that the fuse is blown.
F. The programmed input returns to VIH, the output is high unless all fuses have been blown.
G. All P inputs† are taken to VIL, the output is high if a fuse has been blown.
† For the ’ALS527, P8 through P11 inputs must match the Q8 through Q11 inputs.
Figure 1. Programming Waveforms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com