Electronic Components Datasheet Search
  English  ▼

X  

PE014F03 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # PE014F03
Description  Miniature PCB Relay PE bistable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PE014F03 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  PE014F03 Datasheet HTML 1Page - TE Connectivity Ltd PE014F03 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
07-2017, Rev. 0717
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Low Power PCB Relays
Miniature PCB Relay PE bistable (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Resistance to heat and fire
according EN60335, par.30
Ambient temperature
-40 to 85°C
70°C at 100% duty factor
Category of environmental protection
IEC 61810
RTII - flux proof
RTIII - wash tight on request
Shock resistance (destructive)
>100g
Shock resistance (functional/ 11ms), form A/form B >15/5g
Terminal type
PCB-THT
Resistance to soldering heat THT
IEC 60068-2-20
260°C/10s (flux proof version)
260°C/5s (wash tight version)
Packaging/unit
tube/25 pcs., box/500 pcs.
Insulation Data
Initial dielectric strength
between open contacts
1000V
rms
between contact and coil
4000V
rms
Initial insulation resistance
open contact circuit
>10x109Ω
coil-contact circuit
>10x109Ω
Clearance/creepage
between contact and coil
≥3.2/4mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI250V
Product code structure
Typical product code
PE
0
1
4
F12
Type
PE Miniature PCB Relay PE bistable
Version
0
Flux proof
5
Wash tight (on request)
Contact configuration
1
1 form C (CO) contact
3
1 form A (NO) contact
Contact material
4
AgNi 90/10
3
AgSnO
2
5
AgNi 90/10 HTV (gold plated)
Coil
Coil code: please refer to coil versions table
Product code
Version
Contacts
Contact material
Coil
Part number
PE514F03
wash tight
bistable
2-1415539-0
PE014F02
flux proof
1 form C
AgNi 90/10
polarity F
9-1415389-1
PE014F03
1 CO contact
1415390-1
PE014F05
1-1415390-1
PE014F06
2-1415390-1
PE014F12
3-1415390-1
PE014F24
5-1415390-1
PE014H02
bistable
7-1415390-1
PE014H03
polarity H
8-1415390-1
PE014H05
9-1415390-1
PE014H06
1415391-1
PE014H12
1-1415391-1
PE014H24
2-1415391-1
PE015F05
1 form C
AgNi 90/10 HTV
bistable
3-1415542-4
PE034F09
1formA
AgNi 90/10
polarity F
1415543-7
PE034F12
1 NO contact
1415544-4
Dimensions
PCB Layout / terminal assignment
Bottom view on solder pins
1 form C (CO) version
1 form A (NO) version



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com