Electronic Components Datasheet Search
  English  ▼

X  

DA9068 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # DA9068
Description  System PMIC for Multi-Core Application Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9068 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button DA9068 Datasheet HTML 9Page - Dialog Semiconductor DA9068 Datasheet HTML 10Page - Dialog Semiconductor DA9068 Datasheet HTML 11Page - Dialog Semiconductor DA9068 Datasheet HTML 12Page - Dialog Semiconductor DA9068 Datasheet HTML 13Page - Dialog Semiconductor DA9068 Datasheet HTML 14Page - Dialog Semiconductor DA9068 Datasheet HTML 15Page - Dialog Semiconductor DA9068 Datasheet HTML 16Page - Dialog Semiconductor DA9068 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 179 page
background image
DA9068
System PMIC for Multi-Core Application Processors
Datasheet
Revision 3.4
05-Jul-2017
CFR0011-120-00
13 of 179
© 2017 Dialog Semiconductor
Pin No.
Pin Name
Type
(Table 2)
Description
M2
VDD_BUCK4
PWR
Buck4 supply
P1, P2
VSS_BUCK4
VSS
Buck4 ground
H4
VBUCK5
AI
Buck5 sense input
L1
SWBUCK5
AO
Buck5 switching output
M1
VDD_BUCK5
PWR
Buck5 supply
K2
VSS_BUCK5
VSS
Buck5 ground
E4
VBUCK6
AI
Buck6 sense input
D1
SWBUCK6
AO
Buck6 switching output
C1
VDD_BUCK6
PWR
Buck6 supply
E1
VSS_BUCK6
VSS
Buck6 ground
RF Buck
F4
VBUCK7_FB
AI
Buck7 sense input
F1
SWBUCK7
AO
Buck7 switching output
H2
VBUCK7
AO
Buck7 output
G1
VDD_BUCK7
PWR
Buck7 supply
E2
VSS_BUCK7
VSS
Buck7 ground
E3
VSS_SENSE
VSS
Buck7 GND sense input
GPADC
D6
VBAT_S
AI
Sense connection to battery
E6
TEMP1
AI
Connection to primary NTC
E5
TEMP2
AI
Connection to secondary NTC
F5
VF
AI
Connection to battery detect circuit
B10
ADCIN1
AI
Voltage input
C11
ADCIN2
AI
Voltage input
C10
ADCIN3
AI
Voltage input
D10
ADCIN4
AI
Voltage input
Reference and Bias Generation
D8
VREF
AO
Reference voltage output
D9
VREF_LN
AO
Low noise reference voltage
C9
VREF_0V65
AO
Aux reference voltage
D7
IREF
AO
Connection for RREF resistor
XTAL Oscillator
M11
XIN
AIO
32 kHz crystal connection
N11
XOUT
AIO
32 kHz crystal connection
G6
OUT1_32K
DO
32 kHz oscillator buffer output
H6
OUT2_32K
DO
32 kHz oscillator buffer output
G7
OUT3_32K
DO
32 kHz oscillator buffer output
J3
OUT2_32K_EN
DI
32 kHz oscillator buffer 2 enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com