Electronic Components Datasheet Search
  English  ▼

X  

AD526 Datasheet(PDF) 5 Page - Analog Devices

Part # AD526
Description  Software Programmable Gain Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD526 Datasheet(HTML) 5 Page - Analog Devices

  AD526 Datasheet HTML 1Page - Analog Devices AD526 Datasheet HTML 2Page - Analog Devices AD526 Datasheet HTML 3Page - Analog Devices AD526 Datasheet HTML 4Page - Analog Devices AD526 Datasheet HTML 5Page - Analog Devices AD526 Datasheet HTML 6Page - Analog Devices AD526 Datasheet HTML 7Page - Analog Devices AD526 Datasheet HTML 8Page - Analog Devices AD526 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AD526–Typical Performance Characteristics
REV. D
–4–
SUPPLY VOLTAGE –
V
20
15
0
05
20
10
15
10
5
+25 C
RL = 2k
Figure 1. Output Voltage Swing vs.
Supply Voltage, G = 16
TEMPERATURE – C
100nA
10nA
1pA
–60
–20
140
20
60
100
1nA
100pA
10pA
Figure 4. Input Bias Current vs.
Temperature
FREQUENCY – Hz
25
1k
GAIN = 8, 16
GAIN = 1, 2, 4
20
15
10
5
0
10k
100k
1M
10M
Figure 7. Large Signal Frequency
Response
LOAD RESISTANCE –
30
0
100
1k
10k
20
10
@ VS = 15V
Figure 2. Output Voltage Swing vs.
Load Resistance
INPUT VOLTAGE – V
75
–10
50
25
0
–5
0
5
10
VS = 15V
Figure 5. Input Bias Current vs. Input
Voltage
FREQUENCY – Hz
100
1
80
60
40
20
10
10
100
1k
10k
100k
1M
15V WITH 1V p-p
SINE WAVE
+SUPPLY
–SUPPLY
Figure 8. PSRR vs. Frequency
SUPPLY VOLTAGE –
V
20
15
0
05
20
10
15
10
5
VIN = 0
Figure 3. Input Bias Current vs.
Supply Voltage
FREQUENCY – Hz
20
10
100
10M
10
1
1k
10k
100k
1M
16
8
4
2
1
Figure 6. Gain vs. Frequency
TEMPERATURE – C
1.0002
–60
1.0001
1.0000
0.9999
0.9998
–20
20
60
100
140
Figure 9. Normalized Gain vs.
Temperature, Gain = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com