Electronic Components Datasheet Search
  English  ▼

X  

AD537S Datasheet(PDF) 4 Page - Analog Devices

Part # AD537S
Description  Voltage to Frequency Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD537S Datasheet(HTML) 4 Page - Analog Devices

  AD537S Datasheet HTML 1Page - Analog Devices AD537S Datasheet HTML 2Page - Analog Devices AD537S Datasheet HTML 3Page - Analog Devices AD537S Datasheet HTML 4Page - Analog Devices AD537S Datasheet HTML 5Page - Analog Devices AD537S Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AD537S
ASD0016511 Rev. D | Page 3 of 5
6.0
Table I. Electrical Table:
Table I
Parameter
See notes at end of table
Symbol
Conditions
Note 1/
Sub-
group
Limit
Min
Limit
Max
Units
Frequency Range
Fo
1
0
150
KHz
Linearity Error (Nonlinearity)
LE
Fo = 10Khz
1
0.07
%
Fo = 100Khz
4
0.1
Gain Error (Full-Scale Calibration
Error)
AE
C=0.01uF, Iin=1.00mA
1
-5
5
%
Gain vs. Supply
ΔA
E /ΔVs
Fo = 10Khz, 15V<Vs<20V
1
0.1
%/V
Gain Drift
ΔA
E /ΔT
+25 °C to +125 °C
+25 °C to -55 °C
2
3
-250
-250
250
250
ppm/°C
Voltage Input Range
VIR
Vs Single Supply
1
0
+Vs-4
V
Vs Dual Supply
1
-Vs
+Vs-4
Input Bias Current
IIB
1
-100
+100
nA
Input Resistance 4/
RI
250
Mohms
Input Offset Voltage 2/
Vos
1
2
mV
Offset vs. Supply
ΔV
os/ΔVs
15V<Vs<20V
1
100
uV/V
Offset Drift
ΔV
os /ΔT
+25 °C to +125 °C
+25 °C to -55 °C
2
3
-10
-10
10
10
uV/°C
Voltage Ref Absolute Value 3/
VREF
1
-5
5
%
VREF vs. Temp
ΔV
REF/ΔT
+25 °C to +125 °C
+25 °C to -55 °C
2
3
-100
-100
100
100
ppm/°C
VREF vs. Supply
ΔV
REF /
ΔVs
15V<Vs<35V
1
0.03
%/V
Initial Calibration - Absolute
Temperature Reference
VTemp
1
278
318
mV
Output Voltage Logic Low
VOL
ISINK = 10mA
1,2,3
0.4
V
Output Leakage Current
IOH
Logic 1
1,2,3
2
uA
Quiescent Current
IS
Vs = 5V & 36V
1,2,3
2.5
mA
TABLE I NOTES:
1/
TA = +25 °C, TA Max = +125 °C, TA Min = -55 °C. VS = +15V, C = 0.01uF unless otherwise noted
2/
Trimmable for 14 pin DIP package only.
3/
Nominal value 1.00V.
4/
Guaranteed by design



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com