Electronic Components Datasheet Search
  English  ▼

X  

SSA34 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SSA34
Description  High-Current Density Surface Mount Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SSA34 Datasheet(HTML) 1 Page - Vishay Siliconix

  SSA34 Datasheet HTML 1Page - Vishay Siliconix SSA34 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum Ratings and Thermal Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
SSA33L
SSA34
Unit
Device marking code
33L
S34
V
Maximum repetitive peak reverse voltage
VRRM
30
40
V
Maximum RMS voltage
VRMS
21
28
V
Maximum DC blocking voltage
VDC
30
40
V
Maximum average forward rectified current
at TL (See Fig. 1)
IF(AV)
3.0
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load (JEDEC Method)
IFSM
75
A
Typical thermal resistance (2)
RΘJA
110
RΘJL
28
°C/W
Voltage rate of change (rated VR)
dv/dt
10,000
V/µs
Operating junction temperature range
TJ
-65 to +150
°C
Storage temperature range
TSTG
-65 to +150
°C
Electrical Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
Typ.
Max.
Typ.
Max.
Unit
Maximum instantaneous
TJ=25°C
VF
0.43
0.45
0.46
0.49
V
forward voltage at 3.0A(1)
TJ=125°C
0.34
0.38
0.38
0.42
Maximum DC reverse current
TJ=25°C
–
0.5
–
0.2
at rated DC blocking voltage (1)
TJ=125°C
IR
20
35
17
30
mA
Notes: (1) Pulse test: 300µs pulse width, 1% duty cycle
(2) Aluminum substrate mounted
SSA33L and SSA34
Vishay Semiconductors
formerly General Semiconductor
Document Number 88883
www.vishay.com
16-Jun-04
1
High-Current Density Surface Mount Schottky Rectifier
Reverse Voltage 30 & 40V
Forward Current 3.0A
0.157 (3.99)
0.177 (4.50)
0.006 (0.152)
0.012 (0.305)
0.030 (0.76)
0.060 (1.52)
0.008 (0.2)
0.194 (4.93)
0.208 (5.28)
0.100 (2.54)
0.110 (2.79)
0.078 (1.98)
0.090 (2.29)
0.049 (1.25)
0.065 (1.65)
Cathode Band
0.106 (2.70)
0.130 (3.30)
0 (0)
Mounting Pad Layout
Features
• Low power loss, high efficiency
• Low profile surface mount package
• Built-in strain relief
• For use in low voltage high frequency inverters, free
wheeling, and polarity protection applications
• Guardring for overvoltage protection
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Mechanical Data
Case: JEDEC DO-214AC molded plastic body
Terminals: Solder plated, solderable per
MIL-STD750, Method 2026
High temperature soldering guaranteed:
250°C/10 seconds at terminals
Polarity: Color band denotes cathode end
Weight: 0.002 ounce, 0.064 gram
Dimensions in inches
and (millimeters)
DO-214AC (SMA)
0.074 MAX.
(1.88 MAX.)
0.208
(5.28) REF
0.066 MIN.
(1.68 MIN.)
0.060 MIN.
(1.52 MIN.)
New Product


Similar Part No. - SSA34

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SSA34 VISHAY-SSA34 Datasheet
104Kb / 4P
High-Current Density Surface Mount Schottky Rectifier
19-May-08
SSA34 VISHAY-SSA34 Datasheet
81Kb / 4P
High-Current Density Surface Mount Schottky Rectifier
20-Apr-11
logo
Shenzhen Taychipst Elec...
SSA34 TAYCHIPST-SSA34 Datasheet
9Mb / 2P
High-Current Density Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SSA34 VISHAY-SSA34 Datasheet
84Kb / 3P
High-Current Density Surface Mount Schottky Rectifier
SSA34 VISHAY-SSA34 Datasheet
78Kb / 5P
High Current Density Surface Mount Schottky Rectifier
28-Apr-14
More results

Similar Description - SSA34

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B230LA VISHAY-B230LA Datasheet
58Kb / 2P
High-Current Density Surface Mount Schottky Rectifier
15-Dec-03
logo
Shenzhen Taychipst Elec...
SSA23L TAYCHIPST-SSA23L Datasheet
9Mb / 2P
High-Current Density Surface Mount Schottky Rectifier
logo
Vishay Siliconix
B230LA VISHAY-B230LA_15 Datasheet
78Kb / 5P
High Current Density Surface Mount Schottky Rectifier
14-Jan-14
SSC53L VISHAY-SSC53L_15 Datasheet
90Kb / 4P
High Current Density Surface Mount Schottky Rectifier
28-Apr-14
SS10PH45 VISHAY-SS10PH45_15 Datasheet
97Kb / 5P
High Current Density Surface Mount Schottky Rectifier
01-Dec-14
B330LA VISHAY-B330LA_15 Datasheet
438Kb / 4P
High Current Density Surface Mount Schottky Rectifier
02-Aug-13
B330LA-M3 VISHAY-B330LA-M3_15 Datasheet
73Kb / 4P
High-Current Density Surface Mount Schottky Rectifier
26-Apr-13
SSC53L-M3 VISHAY-SSC53L-M3_15 Datasheet
81Kb / 4P
High-Current Density Surface Mount Schottky Rectifier
07-Jan-15
SSC53L-M3 VISHAY-SSC53L-M3 Datasheet
91Kb / 4P
High-Current Density Surface Mount Schottky Rectifier
07-Jan-15
SS10PH45 VISHAY-SS10PH45_V01 Datasheet
100Kb / 5P
High Current Density Surface-Mount Schottky Rectifier
24-Apr-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com