Electronic Components Datasheet Search
  English  ▼

X  

AD603AR Datasheet(PDF) 24 Page - Analog Devices

Part # AD603AR
Description  Low Noise, 90 MHz Variable Gain Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD603AR Datasheet(HTML) 24 Page - Analog Devices

Back Button AD603AR Datasheet HTML 17Page - Analog Devices AD603AR Datasheet HTML 18Page - Analog Devices AD603AR Datasheet HTML 19Page - Analog Devices AD603AR Datasheet HTML 20Page - Analog Devices AD603AR Datasheet HTML 21Page - Analog Devices AD603AR Datasheet HTML 22Page - Analog Devices AD603AR Datasheet HTML 23Page - Analog Devices AD603AR Datasheet HTML 24Page - Analog Devices AD603AR Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Data Sheet
AD603
Rev. K | Page 23 of 24
TOP VIEW
(CIRCUIT SIDE)
0.07
0.088
Figure 59. 9-Pad Bare Die [CHIP]
(C-9-1)
Dimensions Shown in Inches
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
AD603AR
−40°C to +85°C
8-Lead SOIC_N
R-8
AD603AR-REEL
−40°C to +85°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD603AR-REEL7
−40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD603ARZ
−40°C to +85°C
8-Lead SOIC_N
R-8
AD603ARZ-REEL
−40°C to +85°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD603ARZ-REEL7
−40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD603AQ
−40°C to +85°C
8-Lead CERDIP
Q-8
AD603SQ/883B
−55°C to +125°C
8-Lead CERDIP
Q-8
AD603-EVALZ
Evaluation Board
AD603ACHIPS
DIE
C-9-1
1 Z = RoHS Compliant Part.
2 For AD603SQ/883B, refer to AD603 Military data sheet. Also available as 5962-9457203MPA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com