Electronic Components Datasheet Search
  English  ▼

X  

AD810 Datasheet(PDF) 16 Page - Analog Devices

Part # AD810
Description  Low Power Video Op Amp with Disable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD810 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD810 Datasheet HTML 9Page - Analog Devices AD810 Datasheet HTML 10Page - Analog Devices AD810 Datasheet HTML 11Page - Analog Devices AD810 Datasheet HTML 12Page - Analog Devices AD810 Datasheet HTML 13Page - Analog Devices AD810 Datasheet HTML 14Page - Analog Devices AD810 Datasheet HTML 15Page - Analog Devices AD810 Datasheet HTML 16Page - Analog Devices AD810 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
AD810
REV. A
–15–
N:1 MULTIPLEXER
A multiplexer of arbitrary size can be formed by combining the
desired number of AD810s together with the appropriate
selection logic. The schematic in Figure 58 shows a
recommendation for a 4:1 mux which may be useful for driving
a high impedance such as the input to a video A/D converter
(such as the AD773). The output series resistors effectively
compensate for the combined output capacitance of the OFF
channels plus the input capacitance of the A/D while
maintaining wide bandwidth. In the case illustrated, the –0.1 dB
bandwidth is about 20 MHz with no peaking. Switching time
and OFF channel isolation (for the 4:1 mux) are about 250 ns
and 60 dB at 10 MHz, respectively.
–0.5
–3.0
1
10
100
–1.0
–1.5
–2.0
–2.5
0
0.5
0
–45
–90
–135
–180
–225
PHASE
GAIN
FREQUENCY – MHz
VS = ±15V
RL = 10kΩ
CL = 10pF
Figure 56. 4:1 Mux ON Channel Gain and Phase vs.
Frequency
–50
1
10
100
–60
–70
–40
–30
FREQUENCY – MHz
Figure 57. 4:1 Mux OFF Channel Feedthrough vs.
Frequency
AD810
75
Ω
7
2
3
0.1µF
+VS
6
1k
Ω
–VS
4
0.1µF
8
SELECT A
AD810
7
2
3
0.1µF
+VS
6
–VS
4
0.1µF
8
SELECT D
AD810
7
2
3
0.1µF
+VS
6
–VS
4
0.1µF
8
SELECT C
AD810
7
2
3
0.1µF
+VS
6
–VS
4
0.1µF
8
SELECT B
33
Ω
VOUT
RL
CL
VIN, A
VIN, B
VIN, C
VIN, D
75
Ω
1k
Ω
33
Ω
75
Ω
1k
Ω
33
Ω
75
Ω
1k
Ω
33
Ω
Figure 58. A 4:1 Multiplexer Driving a High Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com