Electronic Components Datasheet Search
  English  ▼

X  

AD811 Datasheet(PDF) 10 Page - Analog Devices

Part # AD811
Description  High Performance Video Op Amp
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD811 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD811 Datasheet HTML 6Page - Analog Devices AD811 Datasheet HTML 7Page - Analog Devices AD811 Datasheet HTML 8Page - Analog Devices AD811 Datasheet HTML 9Page - Analog Devices AD811 Datasheet HTML 10Page - Analog Devices AD811 Datasheet HTML 11Page - Analog Devices AD811 Datasheet HTML 12Page - Analog Devices AD811 Datasheet HTML 13Page - Analog Devices AD811 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Data Sheet
AD811
Figure 23. Harmonic Distortion vs. Frequency
Figure 24. Maximum Power Dissipation vs.
Temperature for Hermetic Packages
Figure 25. Noninverting Amplifier Connection
Figure 26. Small Signal Pulse Response, Gain = +1
Figure 27. Small Signal Pulse Response, Gain = +10
Figure 28. Closed-Loop Gain vs. Frequency, Gain = +1
–130
–110
–90
�–70
–50
FREQUENCY (Hz)
10k
1k
100k
1M
10M
RL = 100Ω
VOUT = 2V p-p
GAIN = +2
±5V SUPPLIES
±15V SUPPLIES
SECOND HARMONIC
THIRD HARMONIC
SECOND
HARMONIC
THIRD HARMONIC
0.4
0.8
0.6
1.2
2.0
2.4
2.8
3.0
3.2
3.4
1.6
1.0
1.8
2.2
2.6
1.4
–60
–40
–20
0
20
40
60
80
100
120
140
AMBIENT TEMPERATURE (°C)
TJ MAX = –175°C
20-LEAD LCC
8-LEAD CERDIP
VOUT TO
TEKTRONIX
P6201 FET
PROBE
0.1µF
0.1µF
RL
50Ω
AD811
+VS
+
RFB
VIN
–VS
–
HP8130
PULSE
GENERATOR
RG
2
3
7
4
6
10
90
100
0%
1V
1V
10ns
VIN
VOUT
10
90
100
0%
1V
100mV
10ns
VIN
VOUT
–12
–9
–6
–3
0
3
6
9
FREQUENCY (MHz)
1
10
100
VS = ±15V
RFB = 750Ω
VS = ±5V
RFB = 619Ω
G = +1
RL = 150Ω
RG = ∞
Rev. G | Page 9 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com