Electronic Components Datasheet Search
  English  ▼

X  

AD790JRZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD790JRZ
Description  Fast, Precision Fast, Precision
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD790JRZ Datasheet(HTML) 1 Page - Analog Devices

  AD790JRZ Datasheet HTML 1Page - Analog Devices AD790JRZ Datasheet HTML 2Page - Analog Devices AD790JRZ Datasheet HTML 3Page - Analog Devices AD790JRZ Datasheet HTML 4Page - Analog Devices AD790JRZ Datasheet HTML 5Page - Analog Devices AD790JRZ Datasheet HTML 6Page - Analog Devices AD790JRZ Datasheet HTML 7Page - Analog Devices AD790JRZ Datasheet HTML 8Page - Analog Devices AD790JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
REV.
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
Fast, Precision
Comparator
AD790
FEATURES
45 ns max Propagation Delay
Single 5 V or Dual
15 V Supply Operation
CMOS or TTL Compatible Output
250
V max Input Offset Voltage
500
V max Input Hysteresis Voltage
15 V max Differential Input Voltage
Onboard Latch
60 mW Power Dissipation
Available in 8-Pin Plastic and Hermetic Cerdip
Packages
Available in Tape and Reel in Accordance with
EIA-481A Standard
APPLICATIONS
Zero-Crossing Detectors
Overvoltage Detectors
Pulse-Width Modulators
Precision Rectifiers
Discrete A/D Converters
Delta-Sigma Modulator A/Ds
PRODUCT DESCRIPTION
The AD790 is a fast (45 ns), precise voltage comparator, with a
number of features that make it exceptionally versatile and easy
to use. The AD790 may operate from either a single 5 V supply
or a dual
±15 V supply. In the single-supply mode, the AD790’s
inputs may be referred to ground, a feature not found in other
comparators. In the dual-supply mode it has the unique ability
of handling a maximum differential voltage of 15 V across its in-
put terminals, easing their interfacing to large amplitude and
dynamic signals.
This device is fabricated using Analog Devices’ Complementary
Bipolar (CB) process—which gives the AD790’s combination
of fast response time and outstanding input voltage resolution
(1 mV max). To preserve its speed and accuracy, the AD790
incorporates a “low glitch” output stage that does not exhibit
the large current spikes normally found in TTL or CMOS output
stages. Its controlled switching reduces power supply disturbances
that can feed back to the input and cause undesired oscillations.
The AD790 also has a latching function which makes it suitable
for applications requiring synchronous operation.
The AD790 is available in five performance grades. The
AD790J and the AD790K are rated over the commercial tem-
perature range of 0
°C to 70°C. The AD790A and AD790B are
rated over the industrial temperature range of –40
°C to +85°C.
The AD790S is rated over the military temperature range of
–55
°C to +125°C.
PRODUCT HIGHLIGHTS
1. The AD790’s combination of speed, precision, versatility
and low cost makes it suitable as a general purpose compara-
tor in analog signal processing and data acquisition systems.
2. Built-in hysteresis and a low-glitch output stage minimize the
chance of unwanted oscillations, making the AD790 easier to
use than standard open-loop comparators.
3. The hysteresis combined with a wide input voltage range
enables the AD790 to respond to both slow, low level (e.g.,
10 mV) signals and fast, large amplitude (e.g., 10 V) signals.
4. A wide variety of supply voltages is acceptable for operation
of the AD790, ranging from single 5 V to dual +5 V/–12 V,
±5 V, or +5 V/±15 V supplies.
5. The AD790’s power dissipation is the lowest of any compara-
tor in its speed range.
6. The AD790’s output swing is symmetric between VLOGIC
and ground, thus providing a predictable output under a
wide range of input and output conditions.
CONNECTION DIAGRAMS
8-Pin Plastic Mini-DIP (N)
and Cerdip (Q) Packages
OUTPUT
LATCH
GROUND
VLOGIC
1
2
3
45
6
7
8
AD790
–
+
+VS
+IN
–IN
–VS
8-Pin SOIC (R) Package
LATCH
GROUND
VLOGIC
+VS
1
2
3
4
5
6
7
8
OUTPUT
AD790
–
+IN
–IN
–VS
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax:
© Analog Devices, Inc.,
781/461-3113
2014
E


Similar Part No. - AD790JRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD790JRZ AD-AD790JRZ Datasheet
179Kb / 12P
Fast, Precision Comparator
REV. D
More results

Similar Description - AD790JRZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3116 TI-TL3116 Datasheet
213Kb / 13P
ULTRA-FAST LOW-POWER PRECISION COMPARATORS
logo
Analog Devices
AD790 AD-AD790 Datasheet
211Kb / 8P
Fast, Precision Comparator
REV.B
logo
Linear Technology
LT1016 LINER-LT1016 Datasheet
911Kb / 20P
Ultra Fast Precision Comparator
logo
Maxim Integrated Produc...
MXL1016 MAXIM-MXL1016 Datasheet
41Kb / 4P
Ultra-Fast Precision TTL Comparators
logo
Analog Devices
AD790 AD-AD790_02 Datasheet
173Kb / 12P
Fast, Precision Comparator
03/02-Data Sheet changed from REV. B to REV. C.
AD790JRZ AD-AD790JRZ Datasheet
179Kb / 12P
Fast, Precision Comparator
REV. D
AD790JNZ AD-AD790JNZ Datasheet
158Kb / 12P
Fast, Precision Comparator
REV. D
AD790 AD-AD790_15 Datasheet
316Kb / 10P
Fast, Precision Comparator
Rev. E
logo
Bourns Electronic Solut...
SF-0603FPXXXM BOURNS-SF-0603FPXXXM Datasheet
405Kb / 5P
Fast Acting Precision Surface Mount Fuses
SF-2410FP-T BOURNS-SF-2410FP-T Datasheet
609Kb / 9P
Fast Acting Precision SMD Fuses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com