Electronic Components Datasheet Search
  English  ▼

X  

AD8041 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8041
Description  160 MHz Rail-to-Rail Amplifier with Disable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8041 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8041 Datasheet HTML 8Page - Analog Devices AD8041 Datasheet HTML 9Page - Analog Devices AD8041 Datasheet HTML 10Page - Analog Devices AD8041 Datasheet HTML 11Page - Analog Devices AD8041 Datasheet HTML 12Page - Analog Devices AD8041 Datasheet HTML 13Page - Analog Devices AD8041 Datasheet HTML 14Page - Analog Devices AD8041 Datasheet HTML 15Page - Analog Devices AD8041 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
REV. B
–10–
AD8041
5V
4V
3V
2V
1V
0V
200 s
1V
0.111V MIN
RL = 150 TO 2.5V
4.840V MAX
a.
5V
4V
3V
2V
1V
0V
200 s
1V
RL = 150 TO GND
4.741V MAX
0.043V MIN
b.
TPC 25. Output Swing vs. Load Reference Voltage,
VS = 5 V, G = –1
4.5V
3.5V
2.5V
1.5V
0.5V
40ns
1V
VS = 5V
G = +2
RL = 2k
VIN = 1V p-p
TPC 26. One Volt Step Response, VS = 5 V, G = +2
2.60V
2.55V
2.50V
2.45V
2.40V
VS = 5V
G = +1
RL = 2k
VL = 5pF
40ns
50mV
TPC 27. 100 mV Step Response, VS = 5 V, G = +1
3.0V
2.5V
2.0V
1.5V
1.0V
0.5V
0V
2 s
500mV
VIN = 3V p-p
f = 0.1MHz
RL = 2k
VS = 3V
G = –1
TPC 28. Output Swing, VS = 3 V, VIN = 3 V p-p
3.0V
2.5V
2.0V
1.5V
1.0V
0.5V
0V
2 s
500mV
VIN = 2.8V p-p
f = 0.8MHz
RL = 2k
VS = 3V
G = –1
TPC 29. Output Swing, VS = 3 V, VIN = 2.8 V p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com