Electronic Components Datasheet Search
  English  ▼

X  

SSD1850Z Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # SSD1850Z
Description  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1850Z Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button SSD1850Z Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
SSD1850/51 Series
Rev 1.2
01/2003
SOLOMON
27
Read Status Byte
A 8 bits status byte will be placed onto the data bus when a read operation is performed if D/ C is low.
The status byte is defined as following:
D7
D6
D5
D4
D3
D2
D1
D0
Comment
BUSY
ON
RES
0
1
0
DS1
DS0
BUSY=0 : Chip is idle
BUSY=1 : Chip is executing
instruction
ON=0 : Display is OFF
ON=1 : Display is ON
RES
=0: Chip is idle
RES
=1: Chip is executing reset
DS1, DS0 = 00: SSD1850
DS1, DS0 = 01: SSD1851
Data Read / Write
To read data from the GDDRAM, input High to R/W( WR ) pin and D/ C pin for 6800-series parallel mode,
Low to E( RD ) pin and High to D/ C pin for 8080-series parallel mode. No data read is provided for serial
mode. In normal mode, GDDRAM column address pointer will be increased by one automatically after
each data read. Also, a dummy read is required before the first data is read. See P.14, Figure 4 in
Functional Description.
To write data to the GDDRAM, input Low to R/W( WR ) pin and High to D/ C pin for 6800-series parallel
mode. For serial interface, it will always be in write mode. GDDRAM column address pointer will be
increased by one automatically after each data write. After the data read/write operation (address=127) is
executed, the address will be reset to 0 in next data read/write operation.
Address Increment Table (Automatic)
D/ C
R/W( WR )
Action
Auto Address Increment
0
0
Write Command
No
0
1
Read Status
No
1
0
Write Data
Yes
1
1
Read Data
Yes
Address Increment is done automatically after data read/write. The column address pointer of GDDRAM
is affected. After the data read/write operation (address=127) is executed, the address will be reset to 0 in
next data read/write operation.
Commands Required for R/W ( WR ) Actions on RAM
R/
W ( WR ) Actions on RAMs
Commands Required
Read/Write Data from/to
GDDRAM.
Set GDDRAM Page Address
Set GDDRAM Column Address
Read/Write Data
(1011X3X2X1X0)*
(0001X3X2X1X0)*
(0000X3X2X1X0)*
(X7X6X5X4X3X2X1X0)
* No need to resend the command again if it is set previously.
The read / write action to the Display Data RAM does not depend on the display mode. This means the
user can change the RAM content whether the target RAM content is being displayed or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com