Electronic Components Datasheet Search
  English  ▼

X  

IW337 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # IW337
Description  Signal Interface Controller for Analog
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW337 Datasheet(HTML) 1 Page - Dialog Semiconductor

  IW337 Datasheet HTML 1Page - Dialog Semiconductor IW337 Datasheet HTML 2Page - Dialog Semiconductor IW337 Datasheet HTML 3Page - Dialog Semiconductor IW337 Datasheet HTML 4Page - Dialog Semiconductor IW337 Datasheet HTML 5Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
iW337
Signal Interface Controller for Analog (0–10V),
PWM, and Resistor Dimming
Rev. 0.3 Preliminary
Product Summary
© 2017 Dialog Semiconductor
www.dialog-semiconductor.com
1 of 5
Company Confidential
9-February-2017
1 Description
The iW337 is a PWM signal generator that works with three different types of dimming inputs, 0-10V PWM dimming,
0-10V linear dimming or simple dimming using a single resistor to ground from the DIM pin. The iW337 converts
either of these three signals into a 1%-100% PWM duty cycle that can then be used to provide a dimming signal to a
primary-side LED driver such as the iW3631, removing the need for transformers or other driver circuitry.
The output PWM frequency can be programmed from 100Hz to 50kHz through a single capacitor to ground. The input
to the iW337 integrates the necessary current source to interface with both active and passive 0-10V dimmers without
additional circuitry, while the output can drive an optocoupler to provide isolated dimming control from the secondary
to the primary.
2 Features
● 15V to 60V operating voltage
● 3-in-1 dimmer interface
x
0-10V linear dimming
x
0-10V PWM dimming
x
Single resistor dimming
● SOIC-8 package
3 Applications
● 0-10V LED dimming application
● 3-in-1 LED driver interface chip (0–10V linear,
0-10V PWM and R dimming) dimming LED driver
application
● 1% to 100% PWM output
x
1% PWM duty cycle tolerance
x
Selectable frequency range via external capacitor
● Low power shutdown mode
● Integrated current source for driving 0-10V dimmer
● Integrated optocoupler driver for isolated applications
AC Input
iW337
V
CC
DRV
FLT
GND
CF
SD
DIM
V
IN
iW3631
LED Controller
RTN
Dimming
V
OUT
10V
0V
3-in-1
Dimming
Control
or
or
0-10V PWM
0-10V Analog
Resistive
Figure 3.1 : iW337 Typical Application Circuit


Similar Part No. - IW337

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW338 DIALOG-IW338 Datasheet
310Kb / 5P
PWM Generator
iW338-10 DIALOG-iW338-10 Datasheet
310Kb / 5P
PWM Generator
IW339 DIALOG-IW339 Datasheet
367Kb / 5P
SSL Interface Controller for Analog
iW339-00 DIALOG-iW339-00 Datasheet
367Kb / 5P
SSL Interface Controller for Analog
iW339-01 DIALOG-iW339-01 Datasheet
367Kb / 5P
SSL Interface Controller for Analog
More results

Similar Description - IW337

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM29C18 TI-TCM29C18 Datasheet
265Kb / 17P
ANALOG INTERFACE FOR DSP
logo
Rohm
BH7760KV ROHM-BH7760KV Datasheet
91Kb / 7P
Analog signal I / O interface for portable audio applications
logo
List of Unclassifed Man...
SD1200 ETC-SD1200 Datasheet
245Kb / 35P
Analog-Interface XGA/SXGA TFT LCD Display Controller
SD1010A ETC1-SD1010A Datasheet
322Kb / 45P
Analog-Interface XGA TFT LCD Display Controller
logo
Siemens Semiconductor G...
SDA9087 SIEMENS-SDA9087 Datasheet
537Kb / 20P
Analog-Digital-Interface for Inserted Picture
logo
Rohm
BH7760KV ROHM-BH7760KV Datasheet
92Kb / 7P
Analog signal I / O interface for portable audio applications
logo
Maxim Integrated Produc...
DS1873 MAXIM-DS1873 Datasheet
1Mb / 85P
SFP Controller with Analog LDD Interface
Rev 0; 9/09
logo
Analog Devices
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
Analog Interface for Flat Panel Displays
REV. 0
logo
Dialog Semiconductor
IW339 DIALOG-IW339 Datasheet
367Kb / 5P
SSL Interface Controller for Analog
logo
Diodes Incorporated
AL8116 DIODES-AL8116 Datasheet
732Kb / 13P
FLEXIBLE 0 TO 10V DIMMING SIGNAL INTERFACE CONTROLLER
Rev. 2 - 2 April 2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com