Electronic Components Datasheet Search
  English  ▼

X  

1SS357 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1SS357
Description  45 Volt Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1SS357 Datasheet(HTML) 1 Page - Micro Commercial Components

  1SS357_13 Datasheet HTML 1Page - Micro Commercial Components 1SS357_13 Datasheet HTML 2Page - Micro Commercial Components 1SS357_13 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SS357
45 Volt
Switching Diode
Features
•
High speed switching diode
•
Surface mount
•
For general purpose switching applications
M
echanical Data
•
Case: SOD-323, Molded Plastic
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Polarity: Indicated by Cathode Band
Maximum Ratings @ 25
°C Unless Otherwise Specified
Electrical Characteristics @ 25
°C Unless Otherwise Specified
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
A
B
E
C
J
D
H
G
SOD-323
•
Marking: S31
TM
Micro Commercial Components
CHARACTERISTICS
SYMBOL
RATING
UNIT
Maximum Reverse Voltage
VRM
45
V
Reverse Voltage
VR
40
V
Average Forward Current
IO
100
mA
Peak forward surge current
IFSM
1A
Power Dissipation
P
200
mW
Junction Temperature
TJ
125
Storage Temperature Range
TSTG
-55~125
CHARACTERISTICS SYMBOL
Typ
Max
Unit
Conditions
0.28
,) P$
0.36
,) P$
0.6
,) P$
Reverse Current
IR
5
µA
VR=40V
Total Capaciatnce
CT
18

PF
VR=0V,f=1MHZ
VF
Forward Voltage
V
www.mccsemi.com
1 of
3
•
Lead Free Finish/RoHS Compliant ("P" Suffix
designates RoHS Compliant. See ordering information)
Revision:
C
20
13/01/01
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - 1SS357_13

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
1SS357 BILIN-1SS357_13 Datasheet
162Kb / 3P
Surface mounting schottky Diode
More results

Similar Description - 1SS357_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1SS355 MCC-1SS355 Datasheet
174Kb / 2P
90 Volt Switching Diode
1SS357 MCC-1SS357 Datasheet
196Kb / 2P
45 Volt Switching Diode
1SS388 MCC-1SS388 Datasheet
218Kb / 2P
45 Volts Switching Diode
BAS21T MCC-BAS21T Datasheet
191Kb / 3P
150mW 250 Volt Switching Diode
1SS355 MCC-1SS355_13 Datasheet
208Kb / 2P
90 Volt Switching Diode
1SS388 MCC-1SS388_13 Datasheet
241Kb / 2P
45 Volts Switching Diode
BAS21T MCC-BAS21T_13 Datasheet
226Kb / 3P
150mW 250 Volt Switching Diode
BAV74 MCC-BAV74_13 Datasheet
314Kb / 3P
225mW 50 Volt Dual Switching Diode
logo
Diodes Incorporated
BS250P DIODES-BS250P Datasheet
52Kb / 1P
45 Volt VDS
SEPTEMBER 1993
logo
Micro Commercial Compon...
1SS355 MCC-1SS355_17 Datasheet
331Kb / 3P
90 Volt Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com