Electronic Components Datasheet Search
  English  ▼

X  

W1G200 Datasheet(PDF) 1 Page - ebm-papst

Part # W1G200
Description  DC axial fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

W1G200 Datasheet(HTML) 1 Page - ebm-papst

  W1G200 Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
71
W1G 200-HH77-52
1090
641,6
24
16...28
60
—
55,0
2 950
-25...+60
57 000 / 42 000
1
W1G 200-HH01-52
1090
641,6
48
36...57
60
—
55,0
2 950
-25...+60
57 000 / 42 000
1
Type
m3/h
CFM
VDC
VDC
dB(A) Bel(A)
/
Watts
RPM
°C
Hours
– Material: Die-cast aluminium wall ring, 9 sheet steel blades. Blades and
rotor coated in black.
– Protected against reverse polarity and locking.
– Direction or air flow: “V”, exhaust over struts. Direction of rotation counter-clockwise, seen
on rotor.
– Type of protection: IP 42. Insulation class: “B”.
– Maintenance-free ball bearings.
– Control input 0-10 V DC / PWM and tach output.
– Electrical connection with terminal strip.
– Continuous operation (S1).
– Mass: 2.1 kg.
DC axial fans
W1G 200
225 x 225 x 80 mm
U R
U N
200
400
600
800
1000
0
200
400
600
40
80
120
160
200
240
8
7
6
5
1
2
3
4
1'
2'
3'
4'
1
1
m³/h
CFM
Nominal data
nP1
LpA
[RPM]
[W]
[dB(A)]
Œ ‚’
2300
73
63
Œ —’
2970
77
62
Œ ˜’
3100
80
63
Œ ™’
2970
80
66
Œ ‚
2950
55
60
Œ —
2890
58
60
Œ ˜
2800
61
61
Œ ™
2780
63
64
Œ š
2270
27
55
Œ ›
2230
28
54
Œ œ
2170
29
54
Œ 
2130
30
57
max.
1090 m3/h
Kompaktlüfter__2011__EN__Final__17_01_2011_:Vorlage 18.01.2011 14:13 Seite 71


Similar Part No. - W1G200

ManufacturerPart #DatasheetDescription
logo
ebm-papst
W1G200-EC87-20 EBMPAPST-W1G200-EC87-20 Datasheet
389Kb / 2P
Energy-saving axial fan
W1G200-HH01-52 EBMPAPST-W1G200-HH01-52 Datasheet
150Kb / 1P
DC axial fans
W1G200-HH77-52 EBMPAPST-W1G200-HH77-52 Datasheet
150Kb / 1P
DC axial fans
W1G200HH0152 EBMPAPST-W1G200HH0152 Datasheet
226Kb / 5P
EC axial compact fan
W1G200HH7752 EBMPAPST-W1G200HH7752 Datasheet
228Kb / 5P
EC axial compact fan
More results

Similar Description - W1G200

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com