Electronic Components Datasheet Search
  English  ▼

X  

ST16C554D Datasheet(PDF) 5 Page - Exar Corporation

Part # ST16C554D
Description  QUAD UART WITH 16-BYTE FIFOS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C554D Datasheet(HTML) 5 Page - Exar Corporation

  ST16C554D Datasheet HTML 1Page - Exar Corporation ST16C554D Datasheet HTML 2Page - Exar Corporation ST16C554D Datasheet HTML 3Page - Exar Corporation ST16C554D Datasheet HTML 4Page - Exar Corporation ST16C554D Datasheet HTML 5Page - Exar Corporation ST16C554D Datasheet HTML 6Page - Exar Corporation ST16C554D Datasheet HTML 7Page - Exar Corporation ST16C554D Datasheet HTML 8Page - Exar Corporation ST16C554D Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
ST16C554/554D/68C554
5
Rev. 3.10
SYMBOL DESCRIPTION
Symbol
Pin
Signal
Pin Description
68
64
type
16/-68
31
-
I
16/68 Interface Type Select (input with internal pull-up). -
This input provides the 16 (Intel) or 68 (Motorola) bus
interface type select. The functions of -IOR, -IOW, INT A-
D, and -CS A-D are re-assigned with the logical state of this
pin. When this pin is a logic 1, the 16 mode interface
16C554D is selected. When this pin is a logic 0, the 68 mode
interface (68C554) is selected. When this pin is a logic 0, -
IOW is re-assigned to -R/W, RESET is re-assigned to -
RESET, -IOR is not used, and INT A-D(s) are connected in
a WIRE-OR” configuration. The WIRE-OR outputs are
connected internally to the open source IRQ signal output.
This pin is not available on 64 pin packages which operate
in the 16 mode only.
A0
34
24
I
Address-0 Select Bit. Internal registers address selection in
16 and 68 modes.
A1
33
23
I
Address-1 Select Bit. Internal registers address selection in
16 and 68 modes.
A2
32
22
I
Address-2 Select Bit. - Internal registers address selection
in 16 and 68 modes.
A3-A4
20,50
-
I
Address 3-4 Select Bits. - When the 68 mode is selected,
these pins are used to address or select individual UART’s
(providing -CS is a logic 0). In the 16 mode, these pins are
reassigned as chip selects, see -CSB and -CSC. These pins
are not available on 64 pin packages which operate in the
16 mode only.
-CS
16
-
I
Chip Select. (active low) - In the 68 mode, this pin functions
as a multiple channel chip enable. In this case, all four
UARTs (A-D) are enabled when the -CS pin is a logic 0. An
individual UART channel is selected by the data contents of
address bits A3-A4. When the 16 mode is selected (68 pin
device), this pin functions as -CSA, see definition under -CS
A-B. This pin is not available on 64 pin packages which
operate in the 16 mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com