Electronic Components Datasheet Search
  English  ▼

X  

ST16C554 Datasheet(PDF) 38 Page - Exar Corporation

Part # ST16C554
Description  QUAD UART WITH 16-BYTE FIFOS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C554 Datasheet(HTML) 38 Page - Exar Corporation

Back Button ST16C554 Datasheet HTML 32Page - Exar Corporation ST16C554 Datasheet HTML 33Page - Exar Corporation ST16C554 Datasheet HTML 34Page - Exar Corporation ST16C554 Datasheet HTML 35Page - Exar Corporation ST16C554 Datasheet HTML 36Page - Exar Corporation ST16C554 Datasheet HTML 37Page - Exar Corporation ST16C554 Datasheet HTML 38Page - Exar Corporation ST16C554 Datasheet HTML 39Page - Exar Corporation ST16C554 Datasheet HTML 40Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
Package Dimensions
A
0.055
0.063
1.40
1.60
A1
0.002
0.006
0.05
0.15
A2
0.053
0.057
1.35
1.45
B
0.005
0.009
0.13
0.23
C
0.004
0.008
0.09
0.20
D
0.465
0.480
11.80
12.20
D1
0.390
0.398
9.90
10.10
e
0.020 BSC
0.50 BSC
L
0.018
0.030
0.45
0.75
α
0
°
7
°
0
°
7
°
64 LEAD THIN QUAD FLAT PACK
(10 x 10 x 1.4 mm, TQFP)
Rev. 2.00
SYMBOL
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
48
33
32
17
1
16
49
64
D
D1
D
D1
B
e
A2
α
A1
A
Seating Plane
Note: The control dimension is the millimeter column
L
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com