Electronic Components Datasheet Search
  English  ▼

X  

STTA512D Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTA512D
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA512D Datasheet(HTML) 2 Page - STMicroelectronics

  STTA512D Datasheet HTML 1Page - STMicroelectronics STTA512D Datasheet HTML 2Page - STMicroelectronics STTA512D Datasheet HTML 3Page - STMicroelectronics STTA512D Datasheet HTML 4Page - STMicroelectronics STTA512D Datasheet HTML 5Page - STMicroelectronics STTA512D Datasheet HTML 6Page - STMicroelectronics STTA512D Datasheet HTML 7Page - STMicroelectronics STTA512D Datasheet HTML 8Page - STMicroelectronics STTA512D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STTA512D/F/B/FP
2/10
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VF*
Forward voltage drop
IF =5A
Tj = 25°C
Tj = 125°C
1.35
2.2
2.0
V
V
IR**
Reverse leakage current
VR =0.8 x
VRRM
Tj = 25°C
Tj = 125°C
0.3
100
2.0
µA
mA
Vt0
Threshold voltage
Ip < 3.IAV
Tj = 125°C
1.57
V
Rd
Dynamic resistance
86
m
Ω
Pulse test: * tp = 380
µs, δ <2%
** tp=5ms ,
δ <2%
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
Value
Unit
Rth(j-c)
Junction to case thermal
resistance
TO-220AC / DPAK
4.0
°C/W
ISOWATT220AC /
TO-220FPAC
5.5
P1
Conduction power dissipation
IF(AV) =5A
δ =0.5
TO-220AC / DPAK Tc= 102°C
12
W
ISOWATT220AC /
TO-220FPAC
Tc= 84°C
Pmax
Total power dissipation
Pmax = P1 + P3 (P3 = 10% P1)
TO-220AC / DPAK Tc= 98°C
13
W
ISOWATT220AC /
TO-220FPAC
Tc= 78°C
THERMAL AND POWER DATA
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
trr
Reverse recovery
time
Tj = 25°C
IF = 0.5 A
IR = 1A
Irr = 0.25A
IF =1A dIF/dt =-50A/µs VR =30V
45
95
ns
IRM
Maximum reverse
recovery current
Tj = 125°C VR = 600V
IF =5A
dIF/dt = -40 A/µs
dIF/dt = -500 A/µs
20
7.5
A
Sfactor
Softness factor
Tj = 125°C VR = 600V
IF =5A
dIF/dt = -500 A/µs
1.2
/
DYNAMIC ELECTRICAL CHARACTERISTICS
TURN-OFF SWITCHING
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
tfr
Forward recovery
time
Tj = 25°C
IF =5 A, dIF/dt = 40 A/µs
measured at 1.1
× VFmax
900
ns
VFp
Peak forward voltage Tj = 25°C
IF =5A, dIF/dt = 40 A/µs
IF =40A, dIF/dt = 500 A/µs
50
35
V
TURN-ON SWITCHING
To evaluate the maximum conduction losses use the following equation :
P=Vto xIF(AV) +rdxIF2(RMS)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com