Electronic Components Datasheet Search
  English  ▼

X  

MP351W Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MP351W
Description  35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MP351W Datasheet(HTML) 1 Page - Micro Commercial Components

  MP351W Datasheet HTML 1Page - Micro Commercial Components MP351W Datasheet HTML 2Page - Micro Commercial Components MP351W Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MP3505W
THRU
MP3510W
35 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
Features
•
Mounting Hole For #10 Screw
•
Plastic Case With Metal Bottom
•
Any Mounting Position and Surge Rating Of 400 Amps
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MP3505W
MP3505W
50V
35V
50V
MP351W
MP351W
100V
70V
100V
MP352W
MP352W
200V
140V
200V
MP354W
MP354W
400V
280V
400V
MP356W
MP356W
600V
420V
600V
MP358W
MP358W
800V
560V
800V
MP3510W
MP3510W
1000V
700V
1000V
MCC
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
35.0A
TC = 55
°C
Peak Forward Surge
Current
IFSM
400A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.1V
IFM = 17.5A per
element;
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µATJ = 25°C
TJ = 125
°C
500
µA
I t Rating for Fusing
t<8.3mS
It
660
AS
2
2
2
Typical Themal
Resistance Junction
to case(per element)
Rjc
3.0
K/W
Revision:
B
20
13/01/01
MP-50W
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
1.118
1.130
28.40
28.70
B
.432
.442
10.97
11.23
C
.769
---
19.53
---
D
.673
.752
17.10
19.10
E
.038
.042
.97
1.07
4PL/TYP
G
.193
---
4.90
---
∅
H
.429
.468
10.90
11.90
i
.169
.236
4.30
6.00
B
C
E
D
+
-
A
AC
G
A
H
D
I
I
AC
TM
Micro Commercial Components
•
Maximum Mounting Torque: 10 Kg.cm.
•
UL Recognized File # E165989
Maximum Ratings
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL Rating 1
•
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix
designates RoHS Compliant. See ordering information)
Notes:
1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
www.mccsemi.com
1 of 3
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#


Similar Part No. - MP351W

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MP351W LRC-MP351W Datasheet
211Kb / 4P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
More results

Similar Description - MP351W

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KBPC3500S MCC-KBPC3500S Datasheet
90Kb / 2P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB3505-BC01 MCC-MB3505-BC01 Datasheet
42Kb / 2P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB3505 MCC-MB3505 Datasheet
86Kb / 2P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP3505 MCC-MP3505 Datasheet
309Kb / 2P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB3505W MCC-MB3505W Datasheet
78Kb / 3P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
GBPC35005 MCC-GBPC35005 Datasheet
417Kb / 3P
35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
GBPC35005W MCC-GBPC35005W Datasheet
292Kb / 3P
35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
MB3505 MCC-MB3505_16 Datasheet
300Kb / 3P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP3505 MCC-MP3505_15 Datasheet
334Kb / 3P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com