Electronic Components Datasheet Search
  English  ▼

X  

T6B70AF Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # T6B70AF
Description  Interface IC for Water Heater
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T6B70AF Datasheet(HTML) 3 Page - Toshiba Semiconductor

  T6B70AF Datasheet HTML 1Page - Toshiba Semiconductor T6B70AF Datasheet HTML 2Page - Toshiba Semiconductor T6B70AF Datasheet HTML 3Page - Toshiba Semiconductor T6B70AF Datasheet HTML 4Page - Toshiba Semiconductor T6B70AF Datasheet HTML 5Page - Toshiba Semiconductor T6B70AF Datasheet HTML 6Page - Toshiba Semiconductor T6B70AF Datasheet HTML 7Page - Toshiba Semiconductor T6B70AF Datasheet HTML 8Page - Toshiba Semiconductor T6B70AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
T6B70AF
2002-02-28
3
Function Description
(1)
Pseudo sine wave generator and 4-bit DA converters (sending block)
Pseudo sine wave signal with Fosc/16 frequency is driven out from pseudo sine wave output pin
(SOUT+ and SOUT−).
The outputs of pins SOUT+ and SOUT− have the opposite polarities.
The block of pseudo sine wave generator and 4-bit DA converter (the side of SOUT+ pin) are shown
below.
The data of pseudo sine wave generator is driven out in the following sequence.
0 → 1 → 3 → 6 → 9 → C → E → F → F → E → C → 9 → 6 → 3 → 1 → 0 (in hexadecimal)
Thus, the pseudo sine waveform of positive-going and negative-going outputs is like a staircase at
no load.
An analog switch is incorporated so that the driver output buffer is connected to the transmission
line only when transmission is performed.
However, an emitter follower circuit is externally connected to the driver output buffer.
The phase difference between positive-going and negative-going outputs is within 180° ± 5°. (pseudo
sine wave output phase fluctuation)
FOSC
RST
MSB
R
VSS
R
R
R
R
R
R
R
LSB
SOUT+ pin
SOUT+
SOUT−
F
250 kHz
F
E
C
9
6
3
1
0
E
C
9
6
3
1 0
FSIN
@FOSC = 4 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com