Electronic Components Datasheet Search
  English  ▼

X  

PB88 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # PB88
Description  8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

PB88 Datasheet(HTML) 1 Page - Micro Commercial Components

  PB88 Datasheet HTML 1Page - Micro Commercial Components PB88 Datasheet HTML 2Page - Micro Commercial Components PB88 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PB
805
THRU
PB
810
8 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
PB-10
Features
•
Low Forward Voltage and Any Mounting Position
•
Surge Overload Rating Of
250 Amps
•
Silver Plated Copper Leads
DIMENSIONS
A
.
730
.
770
1
8.50
1
9.56
2PL
B
.2
50
.
300
6.35
7.60
C
.750
---
19.10
---
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
Microsemi
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
PB
805
PB
805
50V
35V
50V
PB
81
PB
81
100V
70V
100V
PB
82
PB
82
200V
140V
200V
PB
84
PB
84
400V
280V
400V
PB
86
PB
86
600V
420V
600V
PB
88
PB
88
800V
560V
800V
PB
810
PB
810
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
8.0A
TC = 50
°C
Peak Forward Surge
Current
IFSM
250A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.
1V
IF= 4.0A;
Ta = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
0.5 mA
Ta = 25
°C
Ta = 100
°C
B
C
E
D
A
AC
+
-
A
AC
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: B
2013/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
•
UL Recognized File # E165989
E
.0
50
1.
27
4PL/TYP
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
D
.480
.520
12.20
13.20
2PL
G
HOLE FOR NO 6 SCREW
G
Mounting Torgue: 4.5 in-lbs Maximum
•
Mounting Hole For #6 Screw
•
•
Halogen free available upon request by adding suffix "-HF"
•
Moisture Sensitivity Level 1
•
Epoxy meets UL 94 V-0 flammability rating
Compliant. See ordering information)
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates


Similar Part No. - PB88

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
PB8 CRYDOM-PB8 Datasheet
357Kb / 3P
MOUNTING BOARD
logo
HellermannTyton.
PB8 HELLERMANNTYTON-PB8 Datasheet
962Kb / 1P
A Range IP44, IP55, IP56 Junction Boxes
logo
List of Unclassifed Man...
PB8-107112 ETC-PB8-107112 Datasheet
193Kb / 2P
E-Kiips is registered for BS EN ISO 9001
logo
NIKO SEMICONDUCTOR CO.,...
PB836BX NIKOSEM-PB836BX Datasheet
230Kb / 2P
N-Channel Enhancement Mode Field Effect Transistor
logo
Crydom Inc.,
PB8H CRYDOM-PB8H Datasheet
357Kb / 3P
MOUNTING BOARD
More results

Similar Description - PB88

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB805 MCC-MB805 Datasheet
78Kb / 2P
8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RS801 MCC-RS801 Datasheet
37Kb / 2P
8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB805 MCC-MB805_08 Datasheet
123Kb / 3P
8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_10 Datasheet
199Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Kwang Myoung I.S. CO.,L...
KBU801 KISEMICONDUCTOR-KBU801 Datasheet
733Kb / 2P
8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
MB805 MCC-MB805_11 Datasheet
154Kb / 3P
8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005W MCC-MB5005W_13 Datasheet
152Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_16 Datasheet
417Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RS801 MCC-RS801_16 Datasheet
198Kb / 3P
8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com