Electronic Components Datasheet Search
  English  ▼

X  

IW1790 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # IW1790
Description  Highly Integrated AC/DC Primary-Side Rapid ChargeTM PWM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW1790 Datasheet(HTML) 4 Page - Dialog Semiconductor

  IW1790 Datasheet HTML 1Page - Dialog Semiconductor IW1790 Datasheet HTML 2Page - Dialog Semiconductor IW1790 Datasheet HTML 3Page - Dialog Semiconductor IW1790 Datasheet HTML 4Page - Dialog Semiconductor IW1790 Datasheet HTML 5Page - Dialog Semiconductor IW1790 Datasheet HTML 6Page - Dialog Semiconductor IW1790 Datasheet HTML 7Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
iW1790
Highly Integrated AC/DC Primary-Side Rapid ChargeTM PWM
Controller Supporting XM-Comm Technology
Rev. 1.1
Product Summary
© 2018 Dialog Semiconductor
www.dialog-semiconductor.com
4 of 7
11-Jan-2018
Parameter
Symbol
Value
Units
DC supply voltage range (pin 1, ICC = 20mA max)
VCC
-0.3 to 45.0
V
Continuous DC supply current at VCC pin (VCC = 15V)
ICC
20
mA
VSENSE input (pin 3, IVsense ≤ 10mA)
-0.7 to 10.0
V
CFG (pin 4)
-0.7 to 5.0
V
SD (pin 2)
-0.3 to 5.5
V
ISENSE input (pin 5)
-0.7 to 5.0
V
SOURCE input (pin 6)
-0.7 to 25.0
V
GATE (pin 7)
-0.3 to 30
V
Maximum junction temperature
TJMAX
150
°C
Operating junction temperature
TJOPT
-40 to 150
°C
Storage temperature
TSTG
-65 to 150
°C
Thermal resistance junction-to-ambient
θJA
160
°C/W
ESD rating per JEDEC JESD22-A114
±2,000
V
Latch-up test per JESD78D
±100
mA
Note 1: Stresses beyond those listed under “Absolute maximum ratings” may cause permanent damage to the device. These are stress
ratings only, so functional operation of the device at these or any other conditions beyond those indicated in the operational sections of
the specification are not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Absolute maximum ratings are the parameter values or ranges which can cause permanent damage if exceeded. For
maximum safe operating conditions, refer to the Electrical Characteristics section.
5 Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com