Electronic Components Datasheet Search
  English  ▼

X  

RS407GL Datasheet(PDF) 1 Page - Micro Commercial Components

Part # RS407GL
Description  Glass Passivated 50 to 1000 Volts 4 Amp Single Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RS407GL Datasheet(HTML) 1 Page - Micro Commercial Components

  RS407GL Datasheet HTML 1Page - Micro Commercial Components RS407GL Datasheet HTML 2Page - Micro Commercial Components RS407GL Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RS401GL
THRU
RS407GL
Glass Passivated
50 to 1000 Volts
Features
•
Ideal for printed circuit board
•
Reliable low cost construction utilizing molded plastic technique
•
High surge current capability
•
UL Recognized File # E165989
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.728
.768
18.50
19.50
B
.600
.640
15.20
16.30
C
.
630
---
1
6.00
---
D
.2
17
.256
5.50
6.50
E
.180
.220
4.60
5.60
G
------
.083
------
2.10
Maximum Ratings
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
RS401GL
RS401GL
50V
35V
50V
RS402GL
RS402GL
100V
70V
100V
RS403GL
RS403GL
200V
140V
200V
RS404GL
RS404GL
400V
280V
400V
RS405GL
RS405GL
600V
420V
600V
RS406GL
RS406GL
800V
560V
800V
RS407GL
RS407GL
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
4.0A
TA = 50
°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.1V
IFM = 4.0A;
TA = 25
°C (Note 2)
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µATA = 25°C
TA = 125
°C
A
B
C
H
G
D
E
AC
+
-
H
.048
.052
1.20
1.30
RS - 4L
4 Amp Single Phase
Bridge Rectifier
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision: G
2015/09/15
www.mccsemi.com
1 of 3
•
Halogen free available upon request by adding suffix "-HF"
•
Moisture Sensitivity Level 1
•
Epoxy meets UL 94 V-0 flammability rating
Compliant. See ordering information)
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
2. Pulse Test: Pulse Width 300usec, Duty Cycle 1%
3. Unit mount on P.C.B. 0.6" x 0.6" (16mmx16mm) Copper pads
Typical Thermal
Resistance(Note 3)
RthJL
2.4
°C/W
•
High case dielectric strength of 1500 VRMS
RthJC
5.0
°C/W
•
Operating Junction Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
100uA
Micro Commercial Components
M C C
TM


Similar Part No. - RS407GL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RS407GL MCC-RS407GL Datasheet
218Kb / 3P
4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
RS407GL MCC-RS407GL Datasheet
133Kb / 4P
4 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RS407GL-BP MCC-RS407GL-BP Datasheet
218Kb / 3P
4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
RS407GL-BP MCC-RS407GL-BP Datasheet
133Kb / 4P
4 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - RS407GL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBU4A MCC-GBU4A Datasheet
116Kb / 2P
4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBU4A MCC-GBU4A_08 Datasheet
174Kb / 3P
4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
RS401GL MCC-RS401GL Datasheet
218Kb / 3P
4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
GBU8A PFS-GBU8A Datasheet
201Kb / 2P
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBU4A PFS-GBU4A Datasheet
195Kb / 2P
4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
DB101L MCC-DB101L Datasheet
415Kb / 3P
1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC35005W MCC-GBPC35005W Datasheet
292Kb / 3P
35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
GBPC50005 MCC-GBPC50005 Datasheet
422Kb / 3P
50 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
GBU4A MCC-GBU4A_17 Datasheet
305Kb / 3P
4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
TBSL40A MCC-TBSL40A Datasheet
458Kb / 3P
4.0 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com