Electronic Components Datasheet Search
  English  ▼

X  

IW3600 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # IW3600
Description  AC/DC Digital Power Controller for Single-Stage High Power Factor Dimmable LED Drivers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW3600 Datasheet(HTML) 4 Page - Dialog Semiconductor

  IW3600 Datasheet HTML 1Page - Dialog Semiconductor IW3600 Datasheet HTML 2Page - Dialog Semiconductor IW3600 Datasheet HTML 3Page - Dialog Semiconductor IW3600 Datasheet HTML 4Page - Dialog Semiconductor IW3600 Datasheet HTML 5Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
iW3600 Product Summary
AC/DC Digital Power Controller for
Single-Stage High Power Factor Dimmable LED Drivers
Rev. 1.1
iW3600
© 2014 Dialog Semiconductor (UK) Ltd.
Product Summary
4 of 5
Part Number
Options
Package
Description
iW3600-00
120VAC Input
SOIC-8
Tape & Reel1
iW3600-01
230VAC Input
SOIC-8
Tape & Reel1
iW3600-04
Lower Bleeder Loss Options; 120VAC/230VAC Input
SOIC-8
Tape & Reel1
Note 1: Tape & Reel packing quantity is 2,500/reel. Minimum ordering quantity is 2,500.
6.0 Physical Dimensions
7.0 Ordering Information
Compliant to JEDEC Standard MS12F
Controlling dimensions are in inches; millimeter dimensions are for reference only
This product is RoHS compliant and Halide free.
Soldering Temperature Resistance:
[a] Package is IPC/JEDEC Std 020D moisture sensitivity level 1
[b] Package exceeds JEDEC Std No. 22-A111 for solder immersion resistance; package can withstand
10 s immersion < 260˚C
Dimension D does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs shall
not exceed 0.15 mm per end. Dimension E1 does not include interlead flash or protrusion. Interlead flash or
protrusion shall not exceed 0.25 mm per side.
The package top may be smaller than the package bottom. Dimensions D and E1 are determined at the
outermost extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs and interlead flash, but
including any mismatch between the top and bottom of the plastic body.
8-Lead Small Outline (SOIC) Package
COPLANARITY
0.10 (0.004)
8
5
4
1
SEATING
PLANE
A1
E
H
B
D
e
A
C
L
α
Inches
Millimeters
MIN
0.0040
A1
MAX
MIN
MAX
0.010
0.10
0.25
0.053
A
0.069
1.35
1.75
0.014
B
0.019
0.35
0.49
0.007
C
0.010
0.19
0.25
0.189
D
0.197
4.80
5.00
0.150
E
0.157
3.80
4.00
0.050 BSC
e
1.27 BSC
0.228
H
0.244
5.80
6.20
0.016
L
0.049
0.40
1.25
0°
α
8°
TOP VIEW
SIDE VIEWS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com