Electronic Components Datasheet Search
  English  ▼

X  

T6801 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T6801
Description  Single-channel Driver IC with Driver IC with Monitoring
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T6801 Datasheet(HTML) 2 Page - ATMEL Corporation

  T6801 Datasheet HTML 1Page - ATMEL Corporation T6801 Datasheet HTML 2Page - ATMEL Corporation T6801 Datasheet HTML 3Page - ATMEL Corporation T6801 Datasheet HTML 4Page - ATMEL Corporation T6801 Datasheet HTML 5Page - ATMEL Corporation T6801 Datasheet HTML 6Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
T6801
4761A–AUTO–11/03
Pin Configuration
Figure 2. Pinning SO8
1
2
3
4
8
7
6
5
NC
GND
NC
VO
NC
VS
NC
VI
Pin Description
Pin
Symbol
Function
1
NC
Not connected
2
GND
Ground
3
NC
Not connected
4
VO
Output
5
VI
Input
6
NC
Not connected
7
VS
Supply voltage 5 V
8
NC
Not connected



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com