Electronic Components Datasheet Search
  English  ▼

X  

TAS5152 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5152
Description  STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5152 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5152 Datasheet HTML 5Page - Texas Instruments TAS5152 Datasheet HTML 6Page - Texas Instruments TAS5152 Datasheet HTML 7Page - Texas Instruments TAS5152 Datasheet HTML 8Page - Texas Instruments TAS5152 Datasheet HTML 9Page - Texas Instruments TAS5152 Datasheet HTML 10Page - Texas Instruments TAS5152 Datasheet HTML 11Page - Texas Instruments TAS5152 Datasheet HTML 12Page - Texas Instruments TAS5152 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
TAS5152
SLES127 − FEBRUARY 2005
www.ti.com
9
ELECTRICAL CHARACTERISTICS
RL= 4 Ω. FPWM = 384 kHz, unless otherwise noted. All performance is in accordance with recommended operating conditions unless otherwise
specified.
SYMBOL
PARAMETER
CONDITIONS
TAS5152
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Internal Voltage Regulator and Current Consumption
VREG
Voltage regulator, only used as a reference node
VDD = 12 V
3
3.3
3.6
V
IVDD
VDD supply current
Operating, 50% duty cycle
7
17
mA
IVDD
VDD supply current
Idle, reset mode
6
11
mA
IGVDD_x
Gate supply current per half-bridge
50% duty cycle
5
16
mA
IGVDD_x
Gate supply current per half-bridge
Reset mode
0.3
1
mA
IPVDD_x
Half-bridge idle current
50% duty cycle, without
output filter or load
15
25
mA
IPVDD_x
Half-bridge idle current
Reset mode, no switching
7
25
µA
Output Stage MOSFETs
RDSon,LS
Drain-to-source resistance, LS
TJ= 25°C, includes
metallization resistance,
GVDD = 12 V
140
155
m
Ω
RDSon,HS Drain-to-source resistance, HS
TJ= 25°C, includes
metallization resistance,
GVDD = 12 V
140
155
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com