Electronic Components Datasheet Search
  English  ▼

X  

NTE261 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE261
Description  Silicon Complementary Transistors Darlington Power Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE261 Datasheet(HTML) 2 Page - NTE Electronics

  NTE261 Datasheet HTML 1Page - NTE Electronics NTE261 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF Characteristics
Collector–Emitter Sustaining Voltage
VCEO(sus) IC = 100mA, IB = 0, Note 2
100
–
–
V
Collector Cutoff Current
ICEO
VCE = 50V, IB = 0
–
–
0.5
mA
ICBO
VCB = 100V, IE = 0
–
–
0.2
mA
Emitter Cutoff Current
IEBO
VBE = 5V, IC = 0
–
–
2.0
mA
ON Characteristics (Note 2)
DC Current Gain
hFE
IC = 0.5A, VCE = 3V
1000
–
–
IC = 3A, VCE = 3V
1000
–
–
Collector–Emitter Saturation Voltage
VCE(sat)
IC = 3A, IB = 12mA
–
–
2.0
V
IC = 5A, IB = 20mA
–
–
4.0
V
Base–Emitter ON Voltage
VBE(on)
IC = 3A, VCE = 3V
–
–
2.5
V
Dynamic Characteristics
Small–Signal Current Gain
|hfe|
IC = 3A, VCE = 4V, f = 1MHz
4.0
–
–
Output Capacitance
NTE261
Cob
VCB = 10V, IE = 0, f = 0.1MHz
–
–
300
pF
NTE262
–
–
200
pF
Note 2. Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2%.
NTE261
NTE262
B
C
E
B
C
E
.420 (10.67)
Max
.500
(12.7)
Max
.500
(12.7)
Min
.250 (6.35)
Max
.147 (3.75)
Dia Max
.070 (1.78) Max
.100 (2.54)
Base
Collector/Tab
Emitter
.110 (2.79)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com