Electronic Components Datasheet Search
  English  ▼

X  

PCKWK Datasheet(PDF) 1 Page - Tyco Electronics

Part # PCKWK
Description  Latching, Slim 16Amp Miniature Power PC Board Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCKWK Datasheet(HTML) 1 Page - Tyco Electronics

  PCKWK Datasheet HTML 1Page - Tyco Electronics PCKWK Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
904
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
OEG
Catalog 1308242
Issued 3-03
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Features
• Efficient, latching operation.
• Slim outline to save board space.
• 1 Form A contact arrangement.
Contact Data @ 20
°C
Arrangements: 1 Form A (SPST-NO).
Material: Ag Alloy.
Max. Switching Rate: 300 ops./ min. (no load).
20 ops./ min. (rated load).
Expected Mechanical Life: 5 million ops (no load).
Expected Electrical Life: 100,000 ops (16A @ 250VAC).
Minimum Load: 100mA @ 5VDC.
Initial Contact Resistance: 100 milliohms @ 1A, 6VDC.
Contact Ratings
Ratings: 16A @ 277VAC resistive.
Max. Switched Voltage: AC: 277V.
Max. Switched Current: 16A.
Max. Switched Power: 4,432VA.
Initial Dielectric Strength
Between Open Contacts: 1,000VAC, 50/60 Hz. (1 min.);
1,200VAC, 50/60 Hz. (1 sec.).
Between Contacts and Coil: 4,000VAC, 50/60 Hz. (1 min.);
4,800VAC, 50/60 Hz. (1 sec.).
Surge Voltage Between Coil and Contacts: 10,000V (1.2/50
µs).
Initial Insulation Resistance
Between Mutually Insulated Conductors: 1,000Mohm @ 500VDC.
Coil Data
Voltage: 12VDC (Consult factory for other coil voltage).
Nominal Power: 1.8W (SET).
800mW (RESET).
Max. Coil Power: 130% of nominal at 20
°C.
PCKWK series
Latching, Slim 16Amp
Miniature Power PC Board Relay
Appliances, HVAC, Office Machines.
Coil Data @ 20
°C
Operate Data @ 20
°C
SET Time: 10 ms max. (including bounce) at rated voltage.
8 ms max. (including bounce) at 130% rated voltage.
RESET Time: 10 ms max. at rated voltage.
8 ms max. at 130% rated voltage.
The pulse to either the set or reset coil of the PCKWK relay should be no
less than 30 milliseconds duration, and no more than 1 second duration.
Observe coil polarity.
Do not apply voltage to both SET and RESET coils simultaneously.
External magnetic fields may affect the operation of the relay.
Environmental Data
Temperature Range:
Operating: -30
°C to +70°C.
Vibration, Mechanical: 10 to 55Hz., 1.5mm double amplitude for 2 hr.
Operational: 10 to 55Hz., 1.5mm double amplitude for 5 min.
Shock, Mechanical: 980m/s2.
Operational (when SET): 98m/s2.
Operational (when RESET): 980m/s2.
Operating Humidity: 20 to 65% RH. (Non-condensing).
Mechanical Data
Termination: Printed circuit terminals.
Enclosure: Vented (Flux-tight) plastic cover.
Weight: 0.49 oz (14g) approximately.
12
80
180
6.0 - 9.0
2.0 - 7.0
Rated Coil
SET Coil
RESET Coil
SET Coil
RESET Coil
Voltage
Resistance
Resistance
Voltage Range Voltage Range
(VDC)
(ohms)
± 10% (ohms) ± 10%
(VDC)
(VDC)
PCKWK
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


Similar Part No. - PCKWK

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
PCK RUBYCON-PCK Datasheet
165Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Tyco Electronics
PCK MACOM-PCK Datasheet
234Kb / 2P
Slim 16 AmpMiniature Power PC Board Relay
logo
Nichicon corporation
PCK NICHICON-PCK Datasheet
993Kb / 2P
Chip Type, Ultra-low ESR
logo
Tyco Electronics
PCK-105D2M MACOM-PCK-105D2M Datasheet
234Kb / 2P
Slim 16 Amp Miniature Power PC Board Relay
PCK-105D2M000 MACOM-PCK-105D2M000 Datasheet
234Kb / 2P
Slim 16 Amp Miniature Power PC Board Relay
More results

Similar Description - PCKWK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V23092 ETC1-V23092 Datasheet
34Kb / 1P
6 Amp Slim Miniature, PC Board Relay
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
MINIATURE PC BOARD RELAY
logo
Tyco Electronics
OMIH-SH-124L MACOM-OMIH-SH-124L Datasheet
117Kb / 2P
16A Miniature Power PC Board Relay
OMIT-SS-112LM MACOM-OMIT-SS-112LM Datasheet
130Kb / 2P
10A Miniature Power PC Board Relay
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
MINIATURE PC BOARD RELAY
logo
Tyco Electronics
PCK-112D2M MACOM-PCK-112D2M Datasheet
234Kb / 2P
Slim 16 Amp Miniature Power PC Board Relay
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
MINIATURE PC BOARD RELAY
logo
Tyco Electronics
PCK MACOM-PCK Datasheet
234Kb / 2P
Slim 16 AmpMiniature Power PC Board Relay
PCI MACOM-PCI Datasheet
188Kb / 2P
Slim 2 Form A Miniature PC Board Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com