Electronic Components Datasheet Search
  English  ▼

X  

IW3662 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # IW3662
Description  Low Voltage (12VAC) Dual-Mode Digital
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW3662 Datasheet(HTML) 4 Page - Dialog Semiconductor

  IW3662 Datasheet HTML 1Page - Dialog Semiconductor IW3662 Datasheet HTML 2Page - Dialog Semiconductor IW3662 Datasheet HTML 3Page - Dialog Semiconductor IW3662 Datasheet HTML 4Page - Dialog Semiconductor IW3662 Datasheet HTML 5Page - Dialog Semiconductor IW3662 Datasheet HTML 6Page - Dialog Semiconductor IW3662 Datasheet HTML 7Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
iW3662
Low Voltage (12VAC) Dual-Mode Digital
Control Dimmable LED Driver
Rev. 1.3
Product Summary
© 2016 Dialog Semiconductor
www.dialog-semiconductor.com
4 of 7
26-July-2016
Pin Number
Pin Name
Type
Pin Description
QFN
TSSOP
10
12
ISEN
Input
Current sense input for the linear current regulator in Boost-Linear mode.
In Boost-Buck mode, used to enable/disable DCM operation.
VISEN > 2V: Disable DCM function in Boost-Buck mode.
VISEN < 2V: Enable DCM function in Boost-Buck mode.
11
13
VSKIP
Input
Skip voltage threshold set pin.
12
14
AGND
Ground
Chip ground.
13
15
VCC
Output
LDO 5V output. Connect a 4.7μF capacitor typically to AGND.
14
16
VP
Power
Chip power supply input.
15
1
BLEED
Output
Input for the internal bleeder FET. Internal 1MW resistor to VP. See Section
9.5 for more details.
16
2
PGND
Ground
Power ground for bleeder FET.
EP
Ground
Exposed PAD. It is internally tied to PGND.
Parameter
Symbol
Value
Units
VP to AGND
-0.3 to 60
V
BLEED, VSKIP to AGND
-0.3 to VP
V
BKIN, BK_CS to AGND
-0.3 to VP
V
BST_CS- to AGND
-5 to 0.3
V
XFM_DET, MT_SW to AGND
-0.3 to 6.5
V
Other pins to AGND
-0.3 to 6.5
V
Voltage difference between BKIN and BK_CS
-6.5 to 6.5
V
Maximum junction temperature
TJMAX
150
°C
Operating junction temperature
TJOPT
-40 to 150
°C
Storage temperature
TSTG
-65 to 150
°C
Thermal Resistance Junction-to-Ambient [Still Air]
θJA
QFN4x4
98
°C/W
TSSOP16
148
ESD rating per JEDEC JESD22-A114
±2,000
V
Absolute maximum ratings are the parameter values or ranges which can cause permanent damage if exceeded.
5 Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com