Electronic Components Datasheet Search
  English  ▼

X  

IW3688 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # IW3688
Description  AC/DC Advanced Digital Power Controller for Single-Stage Dimmable LED Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW3688 Datasheet(HTML) 3 Page - Dialog Semiconductor

  IW3688 Datasheet HTML 1Page - Dialog Semiconductor IW3688 Datasheet HTML 2Page - Dialog Semiconductor IW3688 Datasheet HTML 3Page - Dialog Semiconductor IW3688 Datasheet HTML 4Page - Dialog Semiconductor IW3688 Datasheet HTML 5Page - Dialog Semiconductor IW3688 Datasheet HTML 6Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
iW3688
AC/DC Advanced Digital Power Controller for
Single-Stage Dimmable LED Drivers
Rev. 1.1
Product Summary
© 2016 Dialog Semiconductor
www.dialog-semiconductor.com
3 of 6
27-Jan-2016
4 Pinout Description
Pin Number
Pin Name
Type
Pin Description
1
VIN
Analog Input
Rectified AC line voltage input.
2
CFG2
Analog Input
Used for dimming mode configuration. See the applications section for
additional information.
3
CFG1
Analog Input
Configures OTP threshold on start-up. See the applications section for
configuration information.
4
VCC
Power
Power supply for control logic.
5
AGND
Ground
Signal ground. It should be connected to the power ground on PCB.
6
PGND
Ground
Power ground.
7
ISENSE
Analog Input
Current sense.
8
VS
Analog Input
Source voltage of MOSFET.
9
NC
No Connection Not internally connected.
10
CFG3
Analog Input
Used for dimming mode confirguration. See the applications section for
additional information.
11
CFG4
Analog Input
Used for dimming mode confirguration. See the applications section for
additional information.
12
NC
No Connection Not internally connected.
13
VD
Analog Input
Drain voltage of MOSFET.
14
VCB
Analog Input
Input capacitor voltage after EMI filter.
iW3688
1
2
3
14
13
12
4
11
CFG2
CFG1
VCC
VIN
PGND
5
6
7
10
9
8
AGND
CFG4
ISENSE
VCB
VD
NC
NC
VS
CFG3
Figure 4.1 : 14-Lead SOIC-14 Package



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com