Electronic Components Datasheet Search
  English  ▼

X  

PT22AS15B Datasheet(PDF) 1 Page - Tyco Electronics

Part # PT22AS15B
Description  6 to 12 Amp Miniature Relay 2 or 4 Pole, PCB or Plug-in
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PT22AS15B Datasheet(HTML) 1 Page - Tyco Electronics

  PT22AS15B Datasheet HTML 1Page - Tyco Electronics PT22AS15B Datasheet HTML 2Page - Tyco Electronics PT22AS15B Datasheet HTML 3Page - Tyco Electronics PT22AS15B Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCHRACK General Purpose Relays
1
PTH series
6 to 12 Amp Miniature Relay
2 or 4 Pole, PCB or Plug-in
File E58304
File R50072981
File 05001013007
Users should thoroughly review the technical data before selecting a
product part number. It is recommended that users also seek out the
pertinent approvals files of the agencies/laboratories and review them to
ensure the product meets the requirements for a given application.
Features
•
Sensitive coil (750mW / 0.85VA).
• 2 Form C and 4 Form C contacts rated 12A and 6A, respectively.
• Advanced design has no braided wire, no welds or solder joints in the
contact area and fewer parts for enhanced reliability.
• AC and DC coils.
•
Optional integral LED (green for DC coil, red for AC coil), protection
diode, resistor-capacitor network available.
• Mounted height is approximately 1.42 in (36 mm).
• Environmentally friendly, cadmium-free contacts.
Initial Dielectric Strength
Between Open Contacts: 1,200Vrms.
Between Coil and Contacts: 2,500Vrms.
Between Poles: 2 Pole Types: 2,500Vrms, 4 Pole Types: 2,000VAC.
Clearance/Creepage: 2 Pole Types: 3/4mm, 4 Pole Types: 1.8/3mm.
Must
Nominal
Nominal
DC
Operate
Drop-out
Coil
Voltage
Resistance
Voltage
Voltage
Current
VDC
in Ohms
VDC
VDC
(mA)
6
48±10%
4.5
0.6
125.0
12
192±10%
9.0
1.2
62.5
24
777±10%
18.0
2.4
30.8
48
3,072±10%
36.0
4.8
15.6
60
4,845±12%
45.0
6.0
12.4
110
16,133±15%
82.5
11.0
6.8
220
64,533±15%
165.0
22.0
3.4
Must
Drop-out
Nominal
Nominal
DC
Operate
Voltage
Coil
Voltage
Resistance
Voltage (VAC)
VAC
Current (mA)
VAC
in Ohms
50 Hz / 60 Hz
50/60 Hz
50 Hz / 60 Hz
6
11±10%
4.8 / 5.4
1.8
166.5 / 141
12
48±10%
9.6 / 10.8
3.6
83.3 / 70.5
24
192±10%
19.2 / 21.6
7.2
41.6 / 33.0
48
777±10%
38.4 / 43.2
14.4
21.3 / 18.2
60
1,306±10%
48.0 / 54.0
18.0
16.7 / 14.5
100
3,550±12%
80.0 / 90.0
30.0
10.2 / 8.7
115
4,845±12%
92.0 / 103.5
34.5
8.8 / 7.5
200
13,800±15%
160.0 / 180.0
60.0
5.0 / 4.5
230
19,465±10%
184.0 / 207.0
69.0
4.3 / 3.9
DC Coil Data @ 23°C
AC Coil Data @ 23°C
Contact Data
Arrangements: 2 Form C (DPDT) and 4 Form C (4PDT).
Type of Contact: Single contact.
Material: Silver-nickel.
Maximum Switching Rate: 600 ops./min. (no load).
6 ops./min. (minimum load).
Expected Mechanical Life: DC coil 30 million operations minimum.
AC coil 20 million operations minimum.
Expected Electrical Life: See “cycles” data in ratings table.
Minimum Load: 12V, 10mA.
Type & Coil
Load
Cycles
Agency
2 Pole Models
PT22A (DC/AC)
12A, 250VAC, Form A
100,000
UL
PT22A (DC/AC)
12A, 250VAC, Form B
100,000
UL
PT22A (DC)
12A, 250VAC, Form C
50,000
TUV
PT22A (AC, 50 Hz.)
12A, 250VAC, Form C
70,000
TUV
PT22A (AC, 60 Hz.)
12A, 250VAC, Form C
30,000
TUV
4 Pole Models
PT52A (DC/AC)
6A, 250VAC, Form A
100,000
UL
PT52A (DC/AC)
6A, 250VAC, Form B
100,000
UL
PT52A (DC)
6A, 250VAC, Form C
100,000
TUV
PT52A (AC, 50 Hz.)
6A, 250VAC, Form C
100,000
TUV
PT52A (AC, 60 Hz.)
6A, 250VAC, Form C
50,000
TUV
Insulation
Material Group of Insulation Parts: IIIa.
Insulation to IEC 60664-1
Type of insulation coil-contact circuit: Basic.
Type of insulation open contact circuit: Functional.
Type of insulation adjacent contact circuits: Basic.
Rated Insulation Voltage: 250V.
Pollution Degree: 2.
Overvoltage Category: III.
Coil Data @ 23°C
Voltage: 6 to 220VDC; 6 to 230VAC; others upon request.
Nominal Coil Power: 750mW; 1.0VA @ 50 Hz. / 0.86VA @ 60 Hz.
Operate Category: 2/b.
Operating Range for AC Coil:
50Hz at 70°C: 90-110%.
60Hz at 70°C: 100-120%.
Values in coil tables above are given for coil without pre-energization.
Ratings:
2 Form C
4 Form C
Rated Current
12A
6A
Rated Voltage
250VAC
250VAC
Maximum Switching Voltage
440VAC
250VAC
Maximum Make Current
24A
12A
Maximum Breaking Capacity AC
3,000VA
1,500VA
Issued 1-08
www.tycoelectronics.com
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Dimensions are shown for reference
purposes only. Specifications and
availability subject to change.
South America: 55-11-2103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: 44-8706-080208
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803


Similar Part No. - PT22AS15B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PT22AS15B MACOM-PT22AS15B Datasheet
178Kb / 1P
Tyco Electronics Corporation ShenZhen, China
More results

Similar Description - PT22AS15B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
845HN ETC-845HN Datasheet
282Kb / 3P
Sub-Miniature - 1 or 2 pole, 5-12 amps
logo
Picker Components
PTRH-T PICKER-PTRH-T Datasheet
150Kb / 2P
30 AMP Panel Mount or PCB Power Relay
PC703 PICKER-PC703 Datasheet
193Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In Relay
PC731 PICKER-PC731 Datasheet
189Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In or Panel
logo
American Zettler, Inc.
AZ934 AZETTLER-AZ934 Datasheet
132Kb / 2P
20 AMP MINIATURE AUTOMOTIVE RELAY, SINGLE OR DUAL
logo
Picker Components
PTRD-T PICKER-PTRD-T_14 Datasheet
176Kb / 2P
40 AMP Panel Mount or PCB Power Relay
PTRH-T-14 PICKER-PTRH-T-14 Datasheet
141Kb / 2P
30 AMP Panel Mount or PCB Power Relay
PCT90EL PICKER-PCT90EL Datasheet
544Kb / 3P
30, 40 or 50 Amp Latching PCB Relay
logo
TE Connectivity Ltd
V23134-A0052-C643 TEC-V23134-A0052-C643 Datasheet
481Kb / 4P
Plug-in or PCB terminals
logo
Picker Components
PCT90CL PICKER-PCT90CL_17 Datasheet
611Kb / 3P
30, 40 or 50 Amp Latching PCB Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com