Electronic Components Datasheet Search
  English  ▼

X  

PT52B024B Datasheet(PDF) 2 Page - Tyco Electronics

Part # PT52B024B
Description  6 to 12 Amp Miniature Relay 2 or 4 Pole, PCB or Plug-in
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PT52B024B Datasheet(HTML) 2 Page - Tyco Electronics

  PT52B024B Datasheet HTML 1Page - Tyco Electronics PT52B024B Datasheet HTML 2Page - Tyco Electronics PT52B024B Datasheet HTML 3Page - Tyco Electronics PT52B024B Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SCHRACK PTH Series General Purpose Relays
Operate Data
Must Operate Voltage: See Coil Data table.
Must Release Voltage: See Coil Data table.
Operate Time: 20 ms maximum, at nom. voltage, excluding bounce.
Release Time: 20 ms maximum, at nom. voltage, excluding bounce.
Switching Rate: 6 ops./minute max. at rated load.
Environmental Data
Temperature Range:
Storage:
-45°C to +80°C.
Operating: -45°C to +70°C.
Vibration: 55 to 150 Hz. at 7g N/O, 4g N/C.
Operational Shock: 20g N/O, 5g N/C.
Mechanical Shock: 50g.
Switching Current (A)
250VAC
Resistive Load
02
46
8
10
12
14
16
10
4
10
5
10
6
10
7
2 X 12A
4 X 6A
50
10
1
2
5
0.1
0.5
10
20 30 40 50
100
200 300
DC Voltage (V)
2 Pole
4 Pole
Electrical Life
Max. DC Load Breaking Capacity (resistive load)
Coil Operating Range
0
+20
+40
+60
+80
+100
Ambient Temperature (°C)
AC Coil
60Hz.
50Hz.
220
200
180
160
140
120
100
80
60
0
+20
+40
+60
+80
+100
Ambient Temperature (°C)
DC Coil
220
200
180
160
140
120
100
80
60
Mechanical Data
Termination: Plug-in and printed circuit/solder terminals.
LED (Optional) Color: Green for DC coil; red for AC coil.
Enclosure: Flux Proof (Protection Category: RTII).
Weight: 1.06 oz (30g) approximately.
Issued 1-08
www.tycoelectronics.com
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Dimensions are shown for reference
purposes only. Specifications and
availability subject to change.
South America: 55-11-2103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: 44-8706-080208
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803
Sockets & Accessories
Numerous Tyco Electronics sockets and accessories are available for
use with PTH series relays. Included among them are PC board, panel
cutout, panel and DIN rail types. Panel and DIN rail models are offered
with conventional or “finger-safe” screws, as well as screwless
terminals. Both two and four pole models are available. The PTH will fit
sockets designed for use with our PT, KHA and PCL series relays. Hold
downs designed for use with the KHA and PCL will work with the PTH.
Consult your Tyco Electronics authorized distributor or sales engineer
for details.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com