Electronic Components Datasheet Search
  English  ▼

X  

6300U Datasheet(PDF) 1 Page - ebm-papst

Part # 6300U
Description  DC axial fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

6300U Datasheet(HTML) 1 Page - ebm-papst

  6300U Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IP68
RA TING
Curves
DC axial fans
Series 6300 U Ø172 x 51 mm
Highlights:
– Motor protection against reverse polarity and locking.
– Air exhaust over struts
– Connection via leads 365 mm AWG 22, TR 64, bared and tin-plated
– Ingress protection rating of IP68
Material: Housing: Die-cast aluminum
Impeller: Fiberglass-reinforced PA composite
Direction of rotation: Counterclockwise, seen on rotor
Nominal Data
Type
CFM
VDC
VDC
dB(A)
Bel(A)
Watts
RPM
oC
g
6318/2HPU-216
320.8
48
36...60
58
7.0
Yes
31
5000
-20...65
910
IP68
Yes
1
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
50
100
150
200
250
300
350
[CFM]
1
18


Similar Part No. - 6300U

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6300UE BELDEN-6300UE Datasheet
265Kb / 2P
Security & Sound, 2 Conductor 18 AWG BC, CMP
6300UH BELDEN-6300UH Datasheet
146Kb / 2P
Security & Sound, 2 Conductor 18 AWG TC, Plenum
12-20-2022
6300UH-0081000 BELDEN-6300UH-0081000 Datasheet
146Kb / 2P
Security & Sound, 2 Conductor 18 AWG TC, Plenum
12-20-2022
6300UH-008U1000 BELDEN-6300UH-008U1000 Datasheet
146Kb / 2P
Security & Sound, 2 Conductor 18 AWG TC, Plenum
12-20-2022
6300UH-008Z1000 BELDEN-6300UH-008Z1000 Datasheet
146Kb / 2P
Security & Sound, 2 Conductor 18 AWG TC, Plenum
12-20-2022
More results

Similar Description - 6300U

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com