Electronic Components Datasheet Search
  English  ▼

X  

IW7016 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # IW7016
Description  6-Channel LED Driver for LCD Panel Backlighting
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW7016 Datasheet(HTML) 3 Page - Dialog Semiconductor

  IW7016 Datasheet HTML 1Page - Dialog Semiconductor IW7016 Datasheet HTML 2Page - Dialog Semiconductor IW7016 Datasheet HTML 3Page - Dialog Semiconductor IW7016 Datasheet HTML 4Page - Dialog Semiconductor IW7016 Datasheet HTML 5Page - Dialog Semiconductor IW7016 Datasheet HTML 6Page - Dialog Semiconductor IW7016 Datasheet HTML 7Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
iW7016 Product Summary
6-Channel LED Driver for LCD Panel
Backlighting
Rev. 1.4
iW7016
© 2015 Dialog Semiconductor (UK) Ltd.
Product Summary
3 of 7
4.0 Pinout Description
iW7016
D1
S1
D2
V2P5
ADIM
D4
LDO5_A
GNDLED
VDIV
GDRV
VCOMP
CS
VFB
S2
S3
S5
D3
PWM5
PWM1
PWM2
PWM3
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
28
27
26
25
9
10
11
12
13
14
16
15
EN
FAULTB
LDO5_D
29
30
31
32
PWM4
PWM6
VIN
VSSA
S4
D5
S6
D6
Figure 4.1 : SOP-32
Pin #
Name
Type
Pin Description
1
GNDLED
GND
Ground for internal MOSFET LED driver
2
D1
AI
Drain of internal MOSFET LED driver
3
S1
AI
Source of internal MOSFET LED driver
4
D2
AI
Drain of internal MOSFET LED driver
5
S2
AO
Source of internal MOSFET LED driver
6
D3
AI
Drain of internal MOSFET LED driver
7
S3
AO
Source of internal MOSFET LED driver
8
S4
AO
Source of internal MOSFET LED driver
9
D4
AI
Drain of internal MOSFET LED driver
10
S5
AO
Source of internal MOSFET LED driver
11
D5
AI
Drain of internal MOSFET LED driver
12
S6
AO
Source of internal MOSFET LED driver
13
D6
AI
Drain of internal MOSFET LED driver
14
PWM1
DI
PWM input, internally pulled down (100K)
15
PWM2
DI
PWM input, internally pulled down (100K); NC in single direct PWM mode
16
PWM3
DI
PWM input, internally pulled down (100K); NC in single direct PWM mode
17
PWM4
DI
PWM input, internally pulled down (100K); NC in single direct PWM mode



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com