Electronic Components Datasheet Search
  English  ▼

X  

IW7027 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # IW7027
Description  16-Channel LED Driver for LCD Panel Backlighting
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW7027 Datasheet(HTML) 2 Page - Dialog Semiconductor

  IW7027 Datasheet HTML 1Page - Dialog Semiconductor IW7027 Datasheet HTML 2Page - Dialog Semiconductor IW7027 Datasheet HTML 3Page - Dialog Semiconductor IW7027 Datasheet HTML 4Page - Dialog Semiconductor IW7027 Datasheet HTML 5Page - Dialog Semiconductor IW7027 Datasheet HTML 6Page - Dialog Semiconductor IW7027 Datasheet HTML 7Page - Dialog Semiconductor IW7027 Datasheet HTML 8Page - Dialog Semiconductor IW7027 Datasheet HTML 9Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
iW7027 Product Summary
16-Channel LED Driver for
LCD Panel Backlighting
Rev. 0.3 Preliminary
iW7027
© 2015 Dialog Semiconductor (UK) Ltd.
Product Summary
2 of 9
Figure 3.1 : iW7027 Application 1 Boost Diagram
Figure 3.2 : iW7027 Application 2 Boost Diagram
VIN
VSS
VDD5
4.7µF
4.7µF
0.1µF
Vin
3.3VD
0.1µF
CLKIN/CPLL
FAULTB
MISO
MOSI
SCK
CSB
VSYNC/PWMIN
CLKIN/CPLL
FAULTB
MISO
MOSI
SCK
CSB
VSYNC/PWMIN
DC-DC
iW7027
Vboost
Vdcdc
Rfb1
Rfb2
G1
FB1
FB2
S16
G16
16
LED
Channels
G2
S2
S1
Rfb3
Rfb1
Rfb2
Rfb3
Rfb4
Rfb6
Rfb5
VIN
VSS
VDD5
4.7µF
4.7µF
0.1µF
Vin
3.3VD
0.1µF
CLKIN/CPLL
FAULTB
MISO
MOSI
SCK
CSB
VSYNC/PWMIN
CLKIN/CPLL
FAULTB
MISO
MOSI
SCK
CSB
VSYNC/PWMIN
DC-DC
DC-DC
iW7027
Vboost
Vdcdc
G1
FB1
FB2
S16
G16
16
LED
Channels
G2
S2
S1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com