Electronic Components Datasheet Search
  English  ▼

X  

BAW56 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAW56
Description  350mW 75Volt Dual Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAW56 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAW56_13 Datasheet HTML 1Page - Micro Commercial Components BAW56_13 Datasheet HTML 2Page - Micro Commercial Components BAW56_13 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAW56
350mW 75Volt
Dual Switching Diode
SOT-23
Suggested Solder
Pad Layout
Features
•
Low Current Leakage
•
Low Cost
•
Small Outline Surface Mount Package
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 357K/W Junction To Ambient
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Reverse Voltage
VR
75V
Continuous Current
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision:
B
20
13/01/01
TM
Micro Commercial Components
1 of 3
Power Dissipation
PTOT
350mW
Peak Forward Surge
Current
IFSM
1.0A
t=1s,Non-Repetitive
Maximum
Instantaneous
Forward Voltage
VF
855mV
IFM = 10mA;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
2.5
µA
50
µA
VR=75Volts
TJ = 25
°C
TJ = 150
°C
Typical Junction
Capacitance
CJ
2pF
Measured at
1.0MHz, VR=0V
Reverse Recovery
Time
Trr
4nS
IF=10mA
VR = 0V
RL=500
Ω
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
Marking: A1/JC
IF
250mA
Forward
K
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)
B
.083
.104
2.10
2.64
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - BAW56_13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAW56-13-F DIODES-BAW56-13-F Datasheet
176Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev 22
BAW56-13-F DIODES-BAW56-13-F Datasheet
351Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev 23
BAW56-13-F DIODES-BAW56-13-F_12 Datasheet
100Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev 21
More results

Similar Description - BAW56_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAV99 MCC-BAV99 Datasheet
80Kb / 2P
350mW 75Volt Dual Series Switching Diode
BAW56 MCC-BAW56 Datasheet
79Kb / 2P
350mW 75Volt Dual Switching Diode
MMBD7000 MCC-MMBD7000 Datasheet
80Kb / 2P
350mW 100Volt Dual Switching Diode
logo
Shanghai Lunsure Electr...
BAV99 CHENYI-BAV99 Datasheet
53Kb / 2P
350mw 75volt dual series switching diode
BAW56 CHENYI-BAW56 Datasheet
52Kb / 2P
350mw 75volt dual switching diode
MMBD7000 CHENYI-MMBD7000 Datasheet
45Kb / 2P
350mW 100volts dual switching diode
logo
Micro Commercial Compon...
BAS16X MCC-BAS16X Datasheet
235Kb / 3P
150mW 75Volt Switching Diode
BAW56 MCC-BAW56_11 Datasheet
165Kb / 3P
350mW 75Volt Dual Switching Diode
BAW156 MCC-BAW156_13 Datasheet
256Kb / 4P
250mW 75Volt s Dual Switching Diode
BAV99 MCC-BAV99_17 Datasheet
507Kb / 3P
350mW 75Volt Dual Series Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com