Electronic Components Datasheet Search
  English  ▼

X  

DA227 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DA227
Description  80 Volts Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DA227 Datasheet(HTML) 1 Page - Micro Commercial Components

  DA227 Datasheet HTML 1Page - Micro Commercial Components DA227 Datasheet HTML 2Page - Micro Commercial Components DA227 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DA227
80 Volts
Switching Diode
Features
MaximumRatings
Symbol
Parameter
Rating
Unit
VRM
Peak Reverse Voltage
80
V
VR
DC Blocking Voltage
80
V
IFM
Forward Continuous Current
0.3
A
IFSM
Non-Repetitive Peak Forward
2
A
TJ
Junction Temperature
150
TSTG
Storage Temperature
-55 to +150
ElectricalCharacteristics@25OCUnlessOtherwiseSpecified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
VF
Forward Voltage
(IF=100mAdc)
---
---
1.20
Vdc
V(BR)
Reverse Breakdown Voltage
(IR=100
µA)
80
---
---
Vdc
CD
Diode Capacitance
(VR=6V,f=1MHz)
---
---
3.5
pF
www.mccsemi.com
Revision:
A
20
15/07/29
1 of 3
SOT-353
•
Suitable for high packing density layout
•
High Reliability
•
Marking: N20
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
D
E1
E
e
e1
A1
A2
C
b
L1
L
3
2
1
5
4
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A1
---
.004
---
0.100
A2
.035
.039
0.900
1.000
b
.006
.014
0.150
0.350
c
.003
.006
0.080
0.150
D
0.79
.087
2.000
2.200
E
.045
.053
1.150
1.350
E1
.085
.096
2.150
2.450
e
.026TYP
0.650TYP
e1
.047
.055
1.200
1.400
L
.021REF
0.525REF
L1
.010
.018
0.260
0.460
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"
IO
Average Rectified Output Current
0.1
A
Surge Current@ t=8.3ms
PD
Power Dissipation
0.2
W
RthJA
Thermal Resistance From Junction
625
oC/W
to Ambient
IR
Reverse Current
(VR=70Vdc)
---
---
0.1
µAdc
trr
Reverse recovery time
(VR=6V,IF=5mA)
---
---
4.0
ns
5
1
2
4
3
Micro Commercial Components
M C C
TM
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#


Similar Part No. - DA227

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DA227 DIODES-DA227 Datasheet
63Kb / 4P
Ultra high speed switching
logo
Rohm
DA227 ROHM-DA227 Datasheet
53Kb / 3P
Switching diode
DA227 ROHM-DA227 Datasheet
175Kb / 3P
Switching diode
DA227 ROHM-DA227 Datasheet
1,009Kb / 3P
Switching Diode
DA227 ROHM-DA227 Datasheet
547Kb / 4P
Switching Diode
More results

Similar Description - DA227

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DAN202U MCC-DAN202U Datasheet
211Kb / 3P
100 mA Switching Diode 80 Volts
DAN222 MCC-DAN222 Datasheet
173Kb / 2P
100 mA Switching Diode 80 Volts
DAP202 MCC-DAP202 Datasheet
345Kb / 3P
100 mA Switching Diode 80 Volts
DK400LP MCC-DK400LP Datasheet
374Kb / 3P
100 mA Switching Diode 80 Volts
1N4148WLP MCC-1N4148WLP_13 Datasheet
451Kb / 3P
100 mA Switching Diode 80 Volts
1N4148WLP MCC-1N4148WLP_17 Datasheet
407Kb / 3P
150 mA Switching Diode 80 Volts
DAN202U MCC-DAN202U_13 Datasheet
266Kb / 3P
100 mA Switching Diode 80 Volts
DAN222 MCC-DAN222_13 Datasheet
229Kb / 2P
100 mA Switching Diode 80 Volts
DAN222M MCC-DAN222M Datasheet
318Kb / 2P
100 mA Switching Diode 80 Volts
DAP202 MCC-DAP202_13 Datasheet
405Kb / 3P
100 mA Switching Diode 80 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com