Electronic Components Datasheet Search
  English  ▼

X  

DAN222M Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DAN222M
Description  100 mA Switching Diode 80 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DAN222M Datasheet(HTML) 1 Page - Micro Commercial Components

  DAN222M Datasheet HTML 1Page - Micro Commercial Components DAN222M Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DAN222
M
DAP222
M
100 mA
Switching Diode
80 Volts
Features
Maximum Ratings
Symbol
Parameter
Rating
Unit
VRM
Peak Reverse Voltage
80
V
IF
Forward Current
100
mA
IFM
Peak Forward Current
300
mA
TJ
Junction Temperature
-55 to +150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
VF
Forward Voltage
(IF=1
00mAdc)
---
---
1.2
Vdc
IR
Reverse Current
(VR=
70Vdc)
---
---
0.1
µAdc
CD
Diode Capacitance
(VR=
6V, f=1MHz)
---
---
3.5
pF
trr
Reverse Recovery Time
(VR=
6V, I
F=5mA)
---
---
4
ns
DAP222: P
DAN222: N
Marking:
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
20
16/06/22
1 of 2
•
High reliability
•
Ultra High Speed Switching Applications
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)
Revision:
A
• Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"
SOT-
723
A
C B
D
G
J
E
F
1
2
3
H
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
. 04
5
.0
49
1.1
5
1.
25
C
. 0 30
.033
E
F
G
.000
.0
02
.0
00
.
050
H
J
.003
.00
6
.0
80
.1
50
B
. 04
5
.0
49
1.1
5
1.
25
0.75
0.85
0.
27
0.
37
.0
11
.0
15
0.
27
0.
17
0.5
0
0.4
3
.00
7
.0
11
.01
7
.02
0
D
.03
1TYP.
0.8
0TYP.
IFSM
Non-Repetitive Peak Forward Surge
Current
(t=1us)
4.0
A
PD
Power Dissipation
150
mW
RthJA
Thermal Resistance from Junction to Ambient
833
°C/W
Micro Commercial Components
M C C
R


Similar Part No. - DAN222M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DAN222M DIODES-DAN222M Datasheet
63Kb / 4P
Ultra high speed switching
logo
Rohm
DAN222M ROHM-DAN222M Datasheet
611Kb / 3P
Switching diode
DAN222M ROHM-DAN222M Datasheet
1,002Kb / 3P
Switching Diode
logo
WILLAS ELECTRONIC CORP
DAN222M WILLAS-DAN222M Datasheet
338Kb / 2P
SOT-723 Plastic-Encapsulate Diodes
logo
Rohm
DAN222M ROHM-DAN222M Datasheet
348Kb / 3P
Switching Diode
More results

Similar Description - DAN222M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DAN202 MCC-DAN202 Datasheet
323Kb / 3P
100 mA Switching Diode 80 Volts
DAN202U MCC-DAN202U Datasheet
211Kb / 3P
100 mA Switching Diode 80 Volts
DAN222 MCC-DAN222 Datasheet
173Kb / 2P
100 mA Switching Diode 80 Volts
DAP202 MCC-DAP202 Datasheet
345Kb / 3P
100 mA Switching Diode 80 Volts
DK400LP MCC-DK400LP Datasheet
374Kb / 3P
100 mA Switching Diode 80 Volts
1N4148WLP MCC-1N4148WLP_13 Datasheet
451Kb / 3P
100 mA Switching Diode 80 Volts
DAN202 MCC-DAN202_13 Datasheet
386Kb / 3P
100 mA Switching Diode 80 Volts
DAN202U MCC-DAN202U_13 Datasheet
266Kb / 3P
100 mA Switching Diode 80 Volts
DAN222 MCC-DAN222_13 Datasheet
229Kb / 2P
100 mA Switching Diode 80 Volts
DAP202 MCC-DAP202_13 Datasheet
405Kb / 3P
100 mA Switching Diode 80 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com