Electronic Components Datasheet Search
  English  ▼

X  

TH7108 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TH7108
Description  868/915MHz ASK Transmitter / LO Source
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TH7108 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TH7108 Datasheet HTML 2Page - List of Unclassifed Manufacturers TH7108 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH7108 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH7108 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH7108 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH7108 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH7108 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH7108 Datasheet HTML 9Page - List of Unclassifed Manufacturers TH7108 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TH71082
868/915MHz
ASK Transmitter / LO Source
TH71082 Data Sheet
Page 6 of 10
Dec. 2001
3901071082
Rev. 004
AC Characteristics
all parameters under normal operating conditions, unless otherwise stated;
typical values at Ta = 23 °C and Vcc = 3 V;
ENTX = 1, VPS = 1.1V, fc = 868.3 MHz, test circuit shown in Fig. 2
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Output power
Po
-4
dBm
FM deviation
∆f
FM
adjustable with
varactor and VFM
±6
kHz
Modulation frequency FM
fmod
5kHz
Data rate ASK
RASK
40
kbit/s
Reference spurs
Pref
@ fc
± f
ref
-44
dBm
Harmonic content
Pharm
@ 2fc , 3fc , 4fc
-40
dBm
Spurious output signal
Poff
VPS
≤ 0.1V
-60
dBm
Phase noise
PN
@ fc
± 500kHz
-87
dBc/Hz
VCO gain
KVCO
300
MHz/V
Charge pump current
ICP
±260
µA
Clock voltage swing
VCKOUT
Cload = 5pF
2
Vpp
Start-up time
ton
from ”all OFF” to any
other mode
0.9
ms
Output Power Selection
typical values at Ta = 23 °C and Vcc = 3 V:
ENTX = 1, fc = 868.3 MHz, test circuit shown in Fig. 2
R1 / k
Ω
Ω
Ω
Ω
0
7.5
11
15
24
43
R2 / k
Ω
Ω
Ω
Ω
4.7
4.7
4.7
4.7
4.7
VPS / V
≥≥≥≥ 2
1.1
0.9
0.7
0.5
0.3
Icc / mA
12.5
9.5
8.5
7.8
7.0
6.2
Po / dBm
-2
-5
-8
-11
-15
-18
Pharm / dBm
≤-40
≤-40
≤-40
≤-45
≤-45
≤-50
If the transmitter is operated at any supply voltage Vcc,
the values for R1 and R2 can be calculated as allows:


−
•
=
1
2
1
PS
cc
V
V
R
R
Crystal Parameter
Parameter
Symbol
Condition
Min
Max
Unit
Crystal frequency
fcrystal
fundamental mode, AT
25
29
MHz
Load capacitance
Cload
10
15
pF
Static capacitance
C0
7pF
Resonance resistance
Rm
40
Ω
Spurious response
aspur
-10
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com