Electronic Components Datasheet Search
  English  ▼

X  

4812 Datasheet(PDF) 2 Page - TT Electronics.

Part # 4812
Description  Metal Film Resistors Metal Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

4812 Datasheet(HTML) 2 Page - TT Electronics.

  4812 Datasheet HTML 1Page - TT Electronics. 4812 Datasheet HTML 2Page - TT Electronics. 4812 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ultra Precision Bulk
Metal Film Resistors
4800 Series
Construction
The resistor element is an etched bulk metal foil, bonded to
an alumina substrate. Connections to the foil are made by
copper wires welded to the foil to minimise thermal e.m.f.
Before encapsulation, the resistor element is coated with
silicone rubber to isolate the element from mechanical stress
which would adversely affect the carefully balanced
construction and result in poor resistance/temperature
characteristics.
Ultra Precision Bulk Metal
Film Resistors
4800 series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
187
Dimensions (mm) & Weight (g)
Type
L max
H max
W max
T min
d nom
S nom
Wt. nom
4802
8.9
10.2
3.8
30
0.6
5.1
1
4812
7.5
8
2.5
30
0.6
5.1
0.6
4804
15.2
13.2
3.8
30
0.6
10.2
1.5
4805
22.6
13.2
3.8
30
0.6
17.8
2
4832
9.7
5.4
9.7
30
0.6
1.5
1.1
Physical Data
L
4802/12/04/05
4832
W
S
H
T
d dia
L
H
T
d
W
S
07.11
Welwyn Components
Actual
Maximum
Typical
Load at commercial rating: 1000 hours at 70°C
∆R%
0.05
0.02
Dry heat: 1000 hours at 155°C
∆R%
0.05
0.02
Shelf life: 12 months at room temperature
∆R%
0.0025
Derating from rated power at 70°C
Zero at 155°C
Short term overload
∆R%
0.01
0.005
Climatic category
55/155/56
Climatic
∆R%
0.05
0.03
Long term damp heat
∆R%
0.05
0.03
Temperature rapid change
∆R%
0.01
0.005
Resistance to solder heat
∆R%
0.01
0.005
Vibration and bump
∆R%
0.01
0.005
Noise. (in a decade of frequency)
µV/V
Below level of
Voltage coefficient of resistance
ppm/V
practicable measurement
Insulation Resistance
ohms
>1000M
Inductance
µH
0.2
0.08
Capacitance
pF
1
0.5
Terminations
Material
Solderable finish copper wire
Strength
The terminations meet the requirements of
IEC 68.2.21.
Solderability
The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2.
Marking
Type reference, resistance value, tolerance and date code are
legend marked. The resistance value conforms to IEC 62.
Solvent Resistance
The protection will withstand all normal industrial solvents
suitable for cleaning printed circuit boards.
Packaging
All components are supplied loose packed in either plastic bags
or panel boxes. Quantity per box will depend on resistor size.
Performance Data
11.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com