Electronic Components Datasheet Search
  English  ▼

X  

TLE4287G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4287G
Description  5-V Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4287G Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4287G Datasheet HTML 1Page - Infineon Technologies AG TLE4287G Datasheet HTML 2Page - Infineon Technologies AG TLE4287G Datasheet HTML 3Page - Infineon Technologies AG TLE4287G Datasheet HTML 4Page - Infineon Technologies AG TLE4287G Datasheet HTML 5Page - Infineon Technologies AG TLE4287G Datasheet HTML 6Page - Infineon Technologies AG TLE4287G Datasheet HTML 7Page - Infineon Technologies AG TLE4287G Datasheet HTML 8Page - Infineon Technologies AG TLE4287G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
P-DSO-14-8
5-V Voltage Regulator
TLE 4287 G
Data Sheet Version 1.3
1
2001-09-12
Features
• Output voltage tolerance
≤ ± 2%
• Very low standby current consumption
• Input voltage up to 42 V
• Reset function down to 1 V output voltage
• ESD protection up to 2000 V
• Adjustable reset time
• On/Off logic
• Overtemperature protection
• Reverse polarity protection
• Short-circuit proof
• Very wide temperature range
• Very small output capacitor
 New type
Functional Description
The TLE 4287 G is a monolithic integrated 5 V voltage regulator in P-DSO-14-8
package. It supplies an output current
I
Q > 250 mA. The IC is short circuit proof and
incorporates temperature protection which turns off the device at overtemperature.
The input voltage
V
I is regulated in the range of 7.5 V < VI < 40 V to VQ,nom =5 V.
Therefore a reference voltage, which is kept highly accurate by resistance adjustment,
is compared via a control amplifier to a voltage that is proportional to the output voltage.
The control amplifier drives the base of the series transistor by a buffer.
A comparator in the reset-generator block compares a reference voltage that is
independent of the input voltage to the scaled-down output voltage. In the case of an
output voltage
V
Q < 4.5 V the reset delay capacitor is discharged and a reset signal is
generated by setting the reset output LOW. The reset delay time can be set by choosing
the external capacitor over a wide range. When the output voltage rises above
V
Q
≥ 4.5 V the reset delay capacitor is charged again. As soon as the delay capacitor
voltage reaches the upper switching threshold the reset output pin is set HIGH again.
Type
Ordering Code
Package
 TLE 4287 G
Q67006-A9286
P-DSO-14-8 (SMD)


Similar Part No. - TLE4287G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G Datasheet
307Kb / 13P
5-V Voltage Regulator Input voltage up to 42 V
Rev. 1.4, 2009-01-12
TLE4287G INFINEON-TLE4287G Datasheet
1Mb / 14P
Very low standby current consumption
Rev. 1.41, 2012-01-30
TLE4287G INFINEON-TLE4287G_09 Datasheet
307Kb / 13P
5-V Voltage Regulator Input voltage up to 42 V
Rev. 1.4, 2009-01-12
TLE4287G INFINEON-TLE4287G_12 Datasheet
1Mb / 14P
Very low standby current consumption
Rev. 1.41, 2012-01-30
More results

Similar Description - TLE4287G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
5-V Low-Drop Voltage Regulator
TLE4286G SIEMENS-TLE4286G Datasheet
42Kb / 9P
5-V Voltage Regulator
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4285G INFINEON-TLE4285G Datasheet
201Kb / 11P
5-V Voltage Regulator
Rev. 2.1, 2004-01-01
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
logo
STMicroelectronics
L5150CS STMICROELECTRONICS-L5150CS Datasheet
664Kb / 34P
5 V low dropout voltage regulator
19-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com