Electronic Components Datasheet Search
  English  ▼

X  

CDR02 Datasheet(PDF) 1 Page - TT Electronics.

Part # CDR02
Description  Capacitor Discharge Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CDR02 Datasheet(HTML) 1 Page - TT Electronics.

  CDR02 Datasheet HTML 1Page - TT Electronics. CDR02 Datasheet HTML 2Page - TT Electronics. CDR02 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CDR01
CDR02
CDR03
CDR04
CDR05
CDR06
Power rating at 70°C (in air)
watts
0.63
1
1.75
2.5
3.75
5
Power rating at 70°C (in dielectric fluid)
watts
1.25
2
3.5
5
7.5
10
Limiting element voltage
not applicable 1
Overload power (90s at 25°C in dielectric fluid)
watts
20
30
50
75
100
150
Overload voltage (90s in dielectric fluid)
kV 2
6
6
10
10
20
20
Resistance range
ohms
100K to 10M
Resistance tolerance
%
10
Values
E6 preferred
Ambient temperature range
°C
-55 to 155
Dimensions (mm) and weight (g)
Type
L
±1
H
±1
W
±0.5
D Ø
±0.05
P 1
±1.0
F
±5
Weight
CDR01
25.4
12.7
2.25
0.8
20.3
50
2
CDR02
25.4
12.7
2.75
0.8
20.3
50
2.5
CDR03
33.9
20.33
2.25
0.8
30.5
60
3.5
CDR04
33.9
20.33
2.75
0.8
30.5
60
5
CDR05
50.8
25.4
2.25
0.8
45.7
60
5.8
CDR06
50.8
25.4
2.75
0.8
45.7
60
8.2
Capacitor Discharge Resistors
CDR Series
Excellent reliability
Suitableforimmersionincapacitordielectricfluid
Voltageratingsupto20kV
Excellent overload capability
Robustterminations
Resistancevaluesupto10M
RoHS compliant
Electrical Data
Physical Data
Note 1: No LEV applies to CDR; the maximum operating voltage (dc or ac rms) is given by √(Pr.R), where Pr is the relevant power rating for air or fluid and
R is the resistance value.
Note 2: Overload voltages are dc or ac peak values.
Note 1: Termination pitch dimension P is measured between the lead centres at 1mm from the resistor body.
L
H
W
DØ
P
F
Resistors
All parts are Pb-free and comply with EU Directive 2011/65/EU (RoHS2)
BI Technologies IRC Welwyn
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors


Similar Part No. - CDR02

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CDR02 KEMET-CDR02 Datasheet
1Mb / 10P
CERAMIC CHIP/MIL-PRF-55681
logo
AVX Corporation
CDR02 AVX-CDR02 Datasheet
44Kb / 2P
MIL-PRF-55681/Chips Part Number Example CDR01 thru CDR06
logo
Continental Device Indi...
CDR02 CDIL-CDR02 Datasheet
128Kb / 2P
Thyristor Series
logo
TT Electronics.
CDR02 TTELEC-CDR02 Datasheet
322Kb / 3P
Robust terminations
logo
Kemet Corporation
CDR02BP101ABSM KEMET-CDR02BP101ABSM Datasheet
975Kb / 10P
CERAMIC CHIP/MIL-PRF-55681
More results

Similar Description - CDR02

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44066E9900S001 EPCOS-B44066E9900S001 Datasheet
75Kb / 2P
Power Capacitor Accessories Discharge Reactor
logo
Ohmite Mfg. Co.
GW10K5K00E OHMITE-GW10K5K00E Datasheet
133Kb / 1P
Capacitor Discharge & Symmetry
logo
Tyco Electronics
YP8 MACOM-YP8 Datasheet
382Kb / 1P
High Power Capacitor Discharge Resisotrs
logo
IXYS Corporation
IXGF30N400 IXYS-IXGF30N400 Datasheet
199Kb / 5P
High Voltage IGBT For Capacitor Discharge Applications
IXGK75N250 IXYS-IXGK75N250 Datasheet
180Kb / 5P
For Capacitor Discharge Applications
IXGH2N250 IXYS-IXGH2N250 Datasheet
183Kb / 5P
for Capacitor Discharge Applications
logo
NXP Semiconductors
TEA1708T PHILIPS-TEA1708T Datasheet
116Kb / 11P
GreenChip X capacitor discharge IC
Rev. 1-25 September 2013
logo
Ohmite Mfg. Co.
GSERIES OHMITE-GSERIES Datasheet
317Kb / 2P
Capacitor Discharge
logo
IXYS Corporation
IXGL75N250 IXYS-IXGL75N250 Datasheet
178Kb / 5P
For Capacitor Discharge Applications
logo
NXP Semiconductors
TEA1708T NXP-TEA1708T_V01 Datasheet
210Kb / 12P
GreenChip X capacitor discharge IC
Rev. 1.1 ??6 April 2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com