Electronic Components Datasheet Search
  English  ▼

X  

CGX Datasheet(PDF) 2 Page - TT Electronics.

Part # CGX
Description  Precision High-Voltage Thick Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CGX Datasheet(HTML) 2 Page - TT Electronics.

  CGX Datasheet HTML 1Page - TT Electronics. CGX Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Precision High-Voltage
Thick-Film Resistors
CGX Series
RoHS Indicator
LF indicates RoHS compliance / Omit this code for SnPb finish
100 = 100ppm/°C, 50 = 50ppm/°C
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Sample Part No.
IRC Type
Temperature Coefficient
Resistance
Tolerance
F = 1%
G = 2%
J = 5%
Ordering Data
CGX - 1
100
1006
F
Precision High-Voltage
Thick-Film Resistors
100
80
60
40
20
0
50 70 100
Ambient Temperature (°C)
150
200
0
175
Power Derating Chart
CGX Series Issue August 2008 Sheet 2 of 2
LF
BI Technologies IRC Welwyn
06.15
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com