Electronic Components Datasheet Search
  English  ▼

X  

OPB916 Datasheet(PDF) 4 Page - TT Electronics.

Part # OPB916
Description  Slotted Optical Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB916 Datasheet(HTML) 4 Page - TT Electronics.

  OPB916 Datasheet HTML 1Page - TT Electronics. OPB916 Datasheet HTML 2Page - TT Electronics. OPB916 Datasheet HTML 3Page - TT Electronics. OPB916 Datasheet HTML 4Page - TT Electronics. OPB916 Datasheet HTML 5Page - TT Electronics. OPB916 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue B
10/2016
Page 4
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Output Photologic® Sensor
IF(+)
LED Positive-Going Threshold Current
Buffered with 10k pull-up
Inverted with 10k pull-up
-
5
10
mA
VCC = 5 V, No Output Load
Buffered Open-Collector Output
Inverted Open-Collector Output
(1)
-
5
10
mA
VCC = 4.5 V, IOL = 16 mA
IF(+)/IF(-)
Hysteresis
-
1.5
-
-
VCC = 5 V
trtf
Rise Time, Fall Time
-
50
-
ns
VCC = 5 V, IF = 0 or 10 mA,
RL = 300 Ω to 5 V, CL = 50 pF
tPLHtPHL
Propagation Delay
-
3
-
µs
Notes:
(1) Normal application would be with light source blocked, simulated by IF = 0 mA.
(2) All parameters tested using pulse technique.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com