Electronic Components Datasheet Search
  English  ▼

X  

OPB916BZ Datasheet(PDF) 2 Page - TT Electronics.

Part # OPB916BZ
Description  Slotted Optical Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB916BZ Datasheet(HTML) 2 Page - TT Electronics.

  OPB916BZ Datasheet HTML 1Page - TT Electronics. OPB916BZ Datasheet HTML 2Page - TT Electronics. OPB916BZ Datasheet HTML 3Page - TT Electronics. OPB916BZ Datasheet HTML 4Page - TT Electronics. OPB916BZ Datasheet HTML 5Page - TT Electronics. OPB916BZ Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue B
10/2016
Page 2
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage & Operating Temperature Range
-40°C to +80°C
Input Infrared LED
Diode Reverse DC Voltage
2 V
Input Diode Power Dissipation
(2)
75 mW
Forward DC Current
50 mA
Output Photologic®
Supply Voltage, VCC (not to exceed 3 seconds)
18 V
Voltage at Output Lead (Open Collector Output)
30 V
Output Photologic® Power Dissipation
(3)
90 mW
Color-Pin #
Description
Red
Anode
Black
Cathode
Green
Ground
Blue
Output
White
VCC
Tolerence ±0.010 [0.254]
DIMENSIONS ARE IN:
INCHES
[ MILLIMETERS]
Notes:
(1) RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(2) Derate linearly 1.67 mW/°C above 25°.
(3) Derate linearly 2.67 mW/°C above 25°.
(4) Normal application would be with light source blocked, simulated by IF = 0 mA.
(5) All parameters tested using pulse technique.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com